전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BT138B 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BT138B
상세설명  Triacs sensitive gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT138B 데이터시트(HTML) 4 Page - NXP Semiconductors

  BT138B Datasheet HTML 1Page - NXP Semiconductors BT138B Datasheet HTML 2Page - NXP Semiconductors BT138B Datasheet HTML 3Page - NXP Semiconductors BT138B Datasheet HTML 4Page - NXP Semiconductors BT138B Datasheet HTML 5Page - NXP Semiconductors BT138B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT138B series
Fig.7. Normalised gate trigger current
I
GT(Tj)/ IGT(25˚C), versus junction temperature Tj.
Fig.8. Normalised latching current I
L(Tj)/ IL(25˚C),
versus junction temperature T
j.
Fig.9. Normalised holding current I
H(Tj)/ IH(25˚C),
versus junction temperature T
j.
Fig.10. Typical and maximum on-state characteristic.
Fig.11. Transient thermal impedance Z
th j-mb, versus
pulse width t
p.
Fig.12. Typical commutation dV/dt versus junction
temperature, parameter commutation dI
T/dt. The triac
should commutate when the dV/dt is below the value
on the appropriate curve for pre-commutation dI
T/dt.
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BT138
Tj / C
T2+ G+
T2+ G-
T2- G-
T2- G+
IGT(Tj)
IGT(25 C)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
BT138
VT / V
IT / A
Tj = 125 C
Tj = 25 C
typ
max
Vo = 1.175 V
Rs = 0.0316 Ohms
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IL(Tj)
IL(25 C)
0.001
0.01
0.1
1
10
BT138
tp / s
Zth j-mb (K/W)
10us
0.1ms
1ms
10ms
0.1s
1s
10s
t
p
P
t
D
bidirectional
unidirectional
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IH(Tj)
IH(25C)
0
50
100
150
1
10
100
1000
5.4
9.1
Tj / C
7
dV/dt (V/us)
4.2
dIcom/dt =
15 A/ms
12
off-state dV/dt limit
BT138...G SERIES
BT138 SERIES
BT138...F SERIES
October 1997
4
Rev 1.200


유사한 부품 번호 - BT138B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
BT138B-500 PHILIPS-BT138B-500 Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
BT138B-500E PHILIPS-BT138B-500E Datasheet
55Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
BT138B-500F PHILIPS-BT138B-500F Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
BT138B-500G PHILIPS-BT138B-500G Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
More results

유사한 설명 - BT138B

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com