전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL2845BP 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TL2845BP
상세설명  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL2845BP 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TL2845BP Datasheet HTML 4Page - Texas Instruments TL2845BP Datasheet HTML 5Page - Texas Instruments TL2845BP Datasheet HTML 6Page - Texas Instruments TL2845BP Datasheet HTML 7Page - Texas Instruments TL2845BP Datasheet HTML 8Page - Texas Instruments TL2845BP Datasheet HTML 9Page - Texas Instruments TL2845BP Datasheet HTML 10Page - Texas Instruments TL2845BP Datasheet HTML 11Page - Texas Instruments TL2845BP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-20
0
20
40
60
80
100
1 . E +0 1
1 . E +0 2
1 . E +0 3
1 . E +0 4
1 . E +0 5
1 . E +0 6
1 . E +0 7
f – Frequency – Hz
-100
-50
0
50
100
150
200
VCC = 15 V
RL = 100 kX
TA = 25°C
Phase
Gain
k
10
100
1k
10k
100k
1M
10M
0
5
10
15
20
25
0
5
10
15
20
25
30
35
40
VCC – Supply Voltage – V
0
0.2
0.4
0.6
0.8
1
1.2
0
1
2
3
4
5
6
7
8
VO – Error Amplifier Output Voltage – V
VIN = 15 V
TA = 125°C
TA = 25°C
TA = -55°C
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
9
9.2
-55 -35 -15
5
25
45
65
85 105 125 145
TA – Temperature – °C
VIN = 15 V
VOSC = 2 V
TL284xB, TL384xB
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
SLVS610A – AUGUST 2006 – REVISED SEPTEMBER 2006
ERROR AMPLIFIER OPEN-LOOP
SUPPLY CURRENT
GAIN AND PHASE
vs
vs
SUPPLY VOLTAGE
FREQUENCY
CURRENT-SENSE INPUT THRESHOLD
OSCILLATOR DISCHARGE CURRENT
vs
vs
ERROR AMPLIFIER OUTPUT VOLTAGE
TEMPERATURE
8
Submit Documentation Feedback


유사한 부품 번호 - TL2845BP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL2845BP TI-TL2845BP Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2845BP TI1-TL2845BP Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

유사한 설명 - TL2845BP

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com