전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWIXP425BB 데이터시트(PDF) 10 Page - Intel Corporation

부품명 FWIXP425BB
상세설명  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXP425BB 데이터시트(HTML) 10 Page - Intel Corporation

Back Button FWIXP425BB Datasheet HTML 6Page - Intel Corporation FWIXP425BB Datasheet HTML 7Page - Intel Corporation FWIXP425BB Datasheet HTML 8Page - Intel Corporation FWIXP425BB Datasheet HTML 9Page - Intel Corporation FWIXP425BB Datasheet HTML 10Page - Intel Corporation FWIXP425BB Datasheet HTML 11Page - Intel Corporation FWIXP425BB Datasheet HTML 12Page - Intel Corporation FWIXP425BB Datasheet HTML 13Page - Intel Corporation FWIXP425BB Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
10
Document Number: 252479, Revision: 005
DDR
Double Data Rate
DES
Data-Encryption Standard
DMA
Direct Memory Access
DSP
Digital Signal Processor
E1
Euro 1 trunk line
FIFO
First In First Out
GCI
General Circuit Interface
GPIO
General-purpose input/output
HDLC
High-level Data Link Control
HPI
(Texas Instruments*) Host Port Interfaces
HSS
High-Speed Serial (port)
LSb
Least-Significant bit
LSB
Least-Significant Byte
MAC
Media Access Controller
MDIO
Management Data Input/Output
MII
Media-Independent Interface
MMU
Memory Management Unit
MSb
Most-Significant bit
MSB
Most-Significant Byte
NPE
Network Processor Engine
PCI
Peripheral Component Interconnect
PHY
Physical Layer (Layer 1) Interface
Reserved
A field that may be used by an implementation. Software should not modify reserved fields
or depend on any values in reserved fields.
RX
Receive (HSS is receiving from off-chip)
SRAM
Static Random Access Memory
SDRAM
Synchronous Dynamic Random Access Memory
T1
Type 1 trunk line
TX
Transmit (HSS is transmitting off-chip)
UART
Universal Asynchronous Receiver-Transmitter
USB
Universal Serial Bus
UTOPIA
Universal Test and Operations PHY Interface for ATM
WAN
Wide Area Network
Table 2.
Terminology and Acronyms (Continued)
Acronym/
Terminology
Description


유사한 부품 번호 - FWIXP425BB

제조업체부품명데이터시트상세설명
logo
Intel Corporation
FWIXP425AB INTEL-FWIXP425AB Datasheet
273Kb / 4P
   Optimized for Broadband Applications
FWIXP425AC INTEL-FWIXP425AC Datasheet
273Kb / 4P
   Optimized for Broadband Applications
FWIXP425AD INTEL-FWIXP425AD Datasheet
273Kb / 4P
   Optimized for Broadband Applications
More results

유사한 설명 - FWIXP425BB

제조업체부품명데이터시트상세설명
logo
Intel Corporation
PRIXP425BD INTEL-PRIXP425BD Datasheet
2Mb / 112P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
   Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
   Product Line of Network Processors
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
   Intel IXP43X Product Line of Network Processors
EP80579 INTEL-EP80579 Datasheet
19Mb / 1916P
   Intel짰 EP80579 Integrated Processor Product Line
IXP2400 INTEL-IXP2400 Datasheet
2Mb / 126P
   Intel짰 IXP2400 Network Processor
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
Broadcom Corporation.
BCM5365 BOARDCOM-BCM5365 Datasheet
131Kb / 2P
   SENTRY 5 PRODUCT LINE: SECURED SWITCH PROCESSORS
logo
Axiomtek Co., Ltd.
NA361 AXIOMTEK-NA361 Datasheet
381Kb / 1P
   Compact Network Appliance Platform with Intel짰 Atom??Rangeley Processor and 6 LANs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com