전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV2901 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 NCV2901
상세설명  Single Supply Quad Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2901 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button NCV2901 Datasheet HTML 2Page - ON Semiconductor NCV2901 Datasheet HTML 3Page - ON Semiconductor NCV2901 Datasheet HTML 4Page - ON Semiconductor NCV2901 Datasheet HTML 5Page - ON Semiconductor NCV2901 Datasheet HTML 6Page - ON Semiconductor NCV2901 Datasheet HTML 7Page - ON Semiconductor NCV2901 Datasheet HTML 8Page - ON Semiconductor NCV2901 Datasheet HTML 9Page - ON Semiconductor NCV2901 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
6
APPLICATIONS INFORMATION
These quad comparators feature high gain, wide
bandwidth characteristics. This gives the device oscillation
tendencies if the outputs are capacitively coupled to the
inputs via stray capacitance. This oscillation manifests itself
during output transitions (VOL to VOH). To alleviate this
situation input resistors < 10 k
W should be used. The
addition of positive feedback (< 10 mV) is also
recommended. It is good design practice to ground all
unused input pins.
Differential input voltages may be larger than supply
voltages without damaging the comparator’s inputs.
Voltages more negative than −300 mV should not be used.
10
Figure 9. Zero Crossing Detector
(Single Supply)
Figure 10. Zero Crossing Detector
(Split Supplies)
Vin(min) ≈ 0.4 V peak for 1% phase distortion (Dq).
D1 prevents input from going negative by more than 0.6 V.
R1 + R2 = R3
R3
R5
for small error in zero crossing
Vin
10 k
D1
R1
8.2 k
6.8 k
R2
15 k
R3
+15 V
*
q
VCC
10 k
Vin
VEE
Vin
Vin(min)
VCC
VO
VEE
Dq
q
*
)
10 M
R5
220 k
R4
220 k
VO
VO
+


유사한 부품 번호 - NCV2901

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV2901 ONSEMI-NCV2901 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
NCV2901 ONSEMI-NCV2901 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
NCV2901CTR ONSEMI-NCV2901CTR Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
NCV2901CTR ONSEMI-NCV2901CTR Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
NCV2901CTR ONSEMI-NCV2901CTR Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results

유사한 설명 - NCV2901

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com