전자부품 데이터시트 검색엔진 |
|
TL5602 데이터시트(PDF) 1 Page - Texas Instruments |
|
TL5602 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 6 page TL5602 8-BIT DIGITAL-TO-ANALOG CONVERTER SLAS020 – SEPTEMBER 1988 – REVISED OCTOBER 1990 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 D 8-Bit Resolution D ±0.2% Linearity D Maximum Conversion Rate...30 MHZ Typ 20 MHz Min D Analog Output Voltage Range VCC to VCC –1 V D TTL Digital Input Voltage D 5-V Single-Supply Operation D Low Power Consumption... 250 mW Typ D Interchangeable With Fujitsu MB40778 description The TL5602 is a low-power ultra-high-speed video digital-to-analog converter that uses the Advanced Low-Power Schottky (ALS) process. It converts digital signals to analog signals at a sampling rate of dc to 20 MHz. Because of such high-speed capability, the TL5602 is suitable for digital video applications such as digital television, video processing with a computer, and radar signal processing. The TL5602C is characterized for operation from 0 °C to 70°C. functional block diagram 8 6 8 8 8 REF 4 COMP 3 AOUT Resistor Current Switch Buffer Master Slave Register DO – D7 8 10 CLK Copyright © 1990, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 GND DGTL VCC COMP REF ANLG VCC AOUT ANLG VCC DGTL VCC GND D0 (LSB) D1 D2 D3 D4 D5 D6 D7 (MSB) CLK N PACKAGE (TOP VIEW) |
유사한 부품 번호 - TL5602 |
|
유사한 설명 - TL5602 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |