전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB4332PBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRFB4332PBF
상세설명  PDP SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB4332PBF 데이터시트(HTML) 5 Page - International Rectifier

  IRFB4332PBF Datasheet HTML 1Page - International Rectifier IRFB4332PBF Datasheet HTML 2Page - International Rectifier IRFB4332PBF Datasheet HTML 3Page - International Rectifier IRFB4332PBF Datasheet HTML 4Page - International Rectifier IRFB4332PBF Datasheet HTML 5Page - International Rectifier IRFB4332PBF Datasheet HTML 6Page - International Rectifier IRFB4332PBF Datasheet HTML 7Page - International Rectifier IRFB4332PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFB4332PbF
www.irf.com
5
Fig 17. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 15. Threshold Voltage vs. Temperature
Fig 14. Maximum Avalanche Energy Vs. Temperature
Fig 13. On-Resistance Vs. Gate Voltage
Fig 16. Typical Repetitive peak Current vs.
Case temperature
5
6
7
8
9
10
VGS, Gate-to-Source Voltage (V)
0.00
0.10
0.20
0.30
0.40
TJ = 25°C
TJ = 125°C
ID = 35A
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
I D
TOP
8.3A
13A
BOTTOM
35A
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
ID = 250µA
25
50
75
100
125
150
175
Case Temperature (°C)
0
20
40
60
80
100
120
140
160
180
ton= 1µs
Duty cycle = 0.25
Half Sine Wave
Square Pulse
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τι (sec)
0.077468 0.000097
0.169886 0.001689
0.13319 0.012629
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci=
τi/Ri
Ci=
τi/Ri


유사한 부품 번호 - IRFB4332PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB4332PBF IRF-IRFB4332PBF Datasheet
311Kb / 8P
   Advanced Process Technology
logo
Infineon Technologies A...
IRFB4332PBF INFINEON-IRFB4332PBF Datasheet
530Kb / 10P
   Advanced Process Technology
2018-01-11
logo
International Rectifier
IRFB4332PBF IRF-IRFB4332PBF_15 Datasheet
311Kb / 8P
   Advanced Process Technology
More results

유사한 설명 - IRFB4332PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS4227PBF IRF-IRFS4227PBF Datasheet
302Kb / 9P
   PDP SWITCH
IRGP4050 IRF-IRGP4050 Datasheet
282Kb / 8P
   PDP Switch
IRFP4229PBF IRF-IRFP4229PBF Datasheet
282Kb / 8P
   PDP SWITCH
IRFB4228PBF IRF-IRFB4228PBF Datasheet
680Kb / 8P
   PDP SWITCH
IRFB4229PBF IRF-IRFB4229PBF Datasheet
229Kb / 8P
   PDP SWITCH
IRFB4227PBF IRF-IRFB4227PBF Datasheet
294Kb / 8P
   PDP SWITCH
IRFI4227PBF IRF-IRFI4227PBF Datasheet
297Kb / 8P
   PDP SWITCH
IRFP4332PBF IRF-IRFP4332PBF Datasheet
306Kb / 8P
   PDP SWITCH
IRFI4229PBF IRF-IRFI4229PBF Datasheet
685Kb / 8P
   PDP SWITCH
IRFP4227PBF IRF-IRFP4227PBF Datasheet
300Kb / 8P
   PDP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com