전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM10CA151JO3-RHTR02 데이터시트(PDF) 2 Page - Sharma Electro Components,Inc

부품명 DM10CA151JO3-RHTR02
상세설명  MICA CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARMA [Sharma Electro Components,Inc]
홈페이지  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM10CA151JO3-RHTR02 데이터시트(HTML) 2 Page - Sharma Electro Components,Inc

  DM10CA151JO3-RHTR02 Datasheet HTML 1Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 2Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Quick Reference Guide
SHARMA DESIGNATION
DM 05
DM 10
DM 12
DM 15
MIL STYLE - Discontinued
-
CM 04
-
CM 05
CAPACITANCE RANGE pF
1 to 390
1 to 390
1 to 2500
1 to 1200
MAXIMUM
50 V DC
390
820
-
2500
CAPACITANCE
100 V DC
200
390
2500
2000
IN pF IN THE
300 V DC
120
360
820
2000
RATED
500 V DC
-
250
430
750
VOLTAGE
1000 V DC*
-
-
-
-
INDICATED
MAXIMUM
L
0.270
0.390
0.413
0.490
NOMINAL
W
0.250
0.380
0.433
0.420
DIMENSIONS IN
T
0.190
0.220
0.220
0.240
INCHES
B
0.120
0.141
0.200
0.234
MAXIMUM
L
6.86
9.91
10.49
12.45
NOMINAL
W
6.35
9.65
11.00
10.67
DIMENSIONS IN
T
4.83
5.59
5.59
6.10
mm
B
3.05
3.58
5.08
5.94
SHARMA DESIGNATION
DM 19
DM 20
DM 30
DM 42
MIL STYLE - Discontinued
CM 06
-
CM 07
-
CAPACITANCE RANGE pF
1 to 8200
680 to 12,000
5100 to 20,000 16000 to 82000
MAXIMUM
50 V DC
-
-
-
-
CAPACITANCE
100 V DC
8200
12000
-
82000
IN pF IN THE
300 V DC
6800
12000
20000
68000
RATED
500 V DC
5100
10000
20000
51000
VOLTAGE
1000 V DC*
4700
-
12000
30000
INDICATED
MAXIMUM
L
0.710
0.820
0.830
1.470
NOMINAL
W
0.590
0.630
0.920
0.920
DIMENSIONS IN
T
0.370
0.450
0.450
0.450
INCHES
B
0.344
0.438
0.438
1.063
MAXIMUM
L
18.03
20.83
21.08
37.34
NOMINAL
W
14.99
16.00
23.37
23.37
DIMENSIONS IN
T
9.40
11.43
11.43
11.43
mm
B
8.74
11.13
11.13
27.00
DM Series General Specifications by Case Size
* Available as special part.
MICA CAPACITORS
330 - 430
Sharma Mica Capacitors
Page 2
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


유사한 부품 번호 - DM10CA151JO3-RHTR02

제조업체부품명데이터시트상세설명
logo
Soshin electric Co., Lt...
DM10C151J5 SOSHIN-DM10C151J5 Datasheet
321Kb / 12P
   Capacitor Mica
More results

유사한 설명 - DM10CA151JO3-RHTR02

제조업체부품명데이터시트상세설명
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com