전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U2429 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 U2429
상세설명  SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U2429 데이터시트(HTML) 2 Page - Unisonic Technologies

  U2429 Datasheet HTML 1Page - Unisonic Technologies U2429 Datasheet HTML 2Page - Unisonic Technologies U2429 Datasheet HTML 3Page - Unisonic Technologies U2429 Datasheet HTML 4Page - Unisonic Technologies U2429 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC U2429
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R502-031,A
BLOCK DIAGRAM
CLOCK
DATA
VCC
VOUT2
VIN2
VIN1
VOUT1
GND
LOGIC
CONTROL
VOL AMP 2
VOL AMP 1
REF AMP
VR 1
VR 2
Vref
5
6
7
8
1
2
3
4
+
-
+
-
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC, VDD
6.0
V
Power Dissipation
DIP-8
SOP-8
PD
625
440
mW
Operating Temperature
Topr
-20 ~ +75
Storage Temperature
Tstg
-55 ~ +125
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage range
Vcc
4.5 ~ 5.5
V
Rated supply voltage
Vcc
5
V
ELECTRICAL CHARACTERISTICS (VCC = 5V, Ta= 25℃, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Circuit current
ICC
8
16
mA
Maximum attenuation
ATT
ATT=-∞
-90
-80
dB
Attenuation error
ATT
ATT=0
-2.0
0
2.0
dB
Maximum input voltage
VIM
THD=1%, ATT=-6dB
1.5
1.7
Vrms
Maximum output voltage
VOM
THD=1%
0.8
1.3
Vrms
VNO1
ATT=0, Rg=0
4
10
μ
Vrms
Output noise voltage
VNO2
ATT=-∞, Rg=0
5
10
μ
Vrms
Total harmonic distortion
THD
f=1kHz, VO=0.5Vrms, ATT=0
0.01
0.05
%
Channel separation
CS
f=1kHz
-80
-70
dB


유사한 부품 번호 - U2429

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
U2429G-D08-T UTC-U2429G-D08-T Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
U2429G-S08-R UTC-U2429G-S08-R Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
U2429L-D08-T UTC-U2429L-D08-T Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
More results

유사한 설명 - U2429

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
   Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
   Serial Data Control Dual Electronic Volume
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
   Serial data controlled dual channel electronic volume control
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
   DUAL ELECTRONIC VOLUME CONTROL
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
   DUAL ELECTRONIC VOLUME CONTROL
logo
Sanyo Semicon Device
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
   High Breakdown Voltage Serial Control Electronic Volume Control
LC7535M SANYO-LC7535M Datasheet
226Kb / 9P
   Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com