전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13022AP 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MC13022AP
상세설명  Advanced Medium Voltage AM Stereo Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13022AP 데이터시트(HTML) 2 Page - Motorola, Inc

  MC13022AP Datasheet HTML 1Page - Motorola, Inc MC13022AP Datasheet HTML 2Page - Motorola, Inc MC13022AP Datasheet HTML 3Page - Motorola, Inc MC13022AP Datasheet HTML 4Page - Motorola, Inc MC13022AP Datasheet HTML 5Page - Motorola, Inc MC13022AP Datasheet HTML 6Page - Motorola, Inc MC13022AP Datasheet HTML 7Page - Motorola, Inc MC13022AP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC13022A
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Input Voltage
VCC
12
Vdc
Stereo Indicator Lamp Current (Pin 21)
30
mAdc
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Operating Junction Temperature
TJ(max)
150
°C
Power Dissipation
Derate above 25
°C
PD
1.25
10
W
mW/
°C
NOTE:
ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 8.0 V, TA = 25°C, Test Circuit of Figure NO TAG, unless otherwise noted.)
Characteristic
Min
Typ
Max
Unit
Power Supply Operating Range
6.0
8.0
10
Vdc
Supply Line Current Drain (Pin 25)
10
20
25
mAdc
Minimum Input Signal Level, Unmodulated for Full Operation (Pin 5)
5.0
mVrms
Audio Output Level, 50% Modulation, L only or R only (Pins 10, 11)
290
400
530
mVrms
Stereo
Audio Output Level, 50% Modulation (Pins 10, 11)
140
200
265
mVrms
Monaural
Output THD, 50% Modulation
%
Monaural
0.3
0.8
Stereo
0.5
1.6
Channel Separation, L only or R only, 50% Modulation
22
35
dB
Stereo
Pilot Acquisition Time Following Blend Reset to 0.3 Vdc
600
ms
Audio Output Impedance at 1.0 kHz (Pins 7, 14)
300
Stereo Indicator Lamp Pin
Saturation Voltage at 3.0 mA Load Current (Vsat Pin 21)
200
mVdc
Stereo Indicator Lamp Pin
Leakage Current (Pin 21)
1.0
µAdc
Oscillator Capture Range
±3.0
kHz


유사한 부품 번호 - MC13022AP

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13027 MOTOROLA-MC13027 Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
MC13027DW MOTOROLA-MC13027DW Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
MC13027P MOTOROLA-MC13027P Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
MC13028A MOTOROLA-MC13028A Datasheet
499Kb / 20P
   C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
More results

유사한 설명 - MC13022AP

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8120P TOSHIBA-TA8120P Datasheet
1Mb / 16P
   C-QUAM AM STEREO DECODER
logo
Motorola, Inc
MC13028A MOTOROLA-MC13028A Datasheet
499Kb / 20P
   C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
logo
NXP Semiconductors
TDA7040T PHILIPS-TDA7040T Datasheet
112Kb / 11P
   Low voltage PLL stereo decoder
September 1986
logo
TEMIC Semiconductors
U2514B TEMIC-U2514B Datasheet
235Kb / 15P
   AM/FM Receiver for Digital Tuning with FM-Stereo Decoder
logo
STMicroelectronics
TDA7338 STMICROELECTRONICS-TDA7338_05 Datasheet
543Kb / 12P
   STEREO DECODER
TDA7338 STMICROELECTRONICS-TDA7338 Datasheet
103Kb / 11P
   STEREO DECODER
December 1996
logo
List of Unclassifed Man...
TCA4500A ETC-TCA4500A Datasheet
129Kb / 4P
   STEREO DECODER
logo
STMicroelectronics
TDA7514 STMICROELECTRONICS-TDA7514 Datasheet
629Kb / 74P
   SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
TDA7513T STMICROELECTRONICS-TDA7513T Datasheet
520Kb / 59P
   SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com