전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD101B-TAP 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SD101B-TAP
상세설명  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101B-TAP 데이터시트(HTML) 2 Page - Vishay Siliconix

  SD101B-TAP Datasheet HTML 1Page - Vishay Siliconix SD101B-TAP Datasheet HTML 2Page - Vishay Siliconix SD101B-TAP Datasheet HTML 3Page - Vishay Siliconix SD101B-TAP Datasheet HTML 4Page - Vishay Siliconix SD101B-TAP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85629
Rev. 1.4, 03-Apr-06
SD101A / 101B / 101C
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Junction to ambient air
RthJA
3201)
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse Breakdown Voltage
IR = 10 µA
SD101A
V(BR)R
60
V
SD101B
V(BR)R
50
V
SD101C
V(BR)R
40
V
Leakage current
VR = 50 V
SD101A
IR
200
nA
VR = 40 V
SD101B
IR
200
nA
VR = 30 V
SD101C
IR
200
nA
Forward voltage drop
IF = 1 mA
SD101A
VF
410
mV
SD101B
VF
400
mV
SD101C
VF
390
mV
IF = 15 mA
SD101A
VF
1000
mV
SD101B
VF
950
mV
SD101C
VF
900
mV
Diode capacitance
VR = 0 V, f = 1 MHz
SD101A
CD
2.0
pF
SD101B
CD
2.1
pF
VR = 0 V, f = 1 MHz
SD101C
CD
2.2
pF
Figure 1. Reverse Current vs. Reverse Voltage
0.01
0.1
1
10
100
0
1015
2025
3035
4045
50
V
R - Reverse Voltage (V)
16204
T
j = 125 °C
T
j = 100 °C
T
j = 75 °C
T
j = 50 °C
T
j = 25 °C
5
Figure 2. Diode Capacitance vs. Reverse Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1015
2025
3035
4045
50
V
R - Reverse Voltage (V)
16205
T
j = 25 °C
5


유사한 부품 번호 - SD101B-TAP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SD101B-TAP VISHAY-SD101B-TAP Datasheet
108Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.5, 01-Mar-07
More results

유사한 설명 - SD101B-TAP

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com