전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

UPC2260 데이터시트(HTML) 7 Page - NEC

부품명 UPC2260
상세내용  LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NEC [NEC]
홈페이지  http://www.nec.com/
Logo 

UPC2260 데이터시트(HTML) 7 Page - NEC

Zoom Inzoom in Zoom Outzoom out
/ 12 page
 7 / 12 page
background image
Data Sheet G14901EJ2V0DS00
7
µµµµ PC2260
0
0.5
1.0
1.5
515
20
10
VIN
− VO - Input-Output Voltage Difference - V
IO peak vs (VIN
− VO)
0.001
0.01
10
1
0.1
100
1000
0.1
1
10
td vs CDLY
3
4
5
2
1
6
7
3
2
1
0
46
58
9
710
VIN - Input Voltage -V
VRST vs VIN
IO = 5 mA
IO = 350 mA
IO = 500 mA
TJ = 0
°C
TJ = 25
°C
TJ = 85
°C
TJ = 125
°C
CDLY - Delay Capacitance -
F
µ
3
4
5
2
1
6
7
3
2
1
0
46
57
VO - Output Voltage - V
VRST vs VO
IO = 5 mA
IO = 350 mA
IO = 500 mA
VRST vs VIN, VRST vs VO CHARACTERISTICS MEASUREMENT CIRCUIT
1
4
DELAY
CAPACITOR
GND
RESET
3 k
OUTPUT
INPUT
CO
CIN
32
5
µ
µ
47 F
0.33
F


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn