전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

UPC2260 데이터시트(HTML) 1 Page - NEC

부품명 UPC2260
상세내용  LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NEC [NEC]
홈페이지  http://www.nec.com/
Logo 

UPC2260 데이터시트(HTML) 1 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 1 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµ PC2260
LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
DATA SHEET
Document No. G14901EJ2V0DS00 (2nd edition)
Date Published June 2000 NS CP (K)
Printed in Japan
DESCRIPTION
The
µ PC2260 is a 500 mA maximum output current low dropout voltage regulator with a reset pin that outputs a reset
signal when a drop in the output voltage is detected, and a reset signal output timing adjustment pin.
The output voltage is 5 V, and the minimum voltage difference between input and output is extremely low, making this
product ideal for use in the power supply circuits of systems with built-in battery-driven microprocessors.
Because the reverse leakage current of this power supply is about 10
µ A even if a voltage is applied to the output pin
when the input voltage is cut off, a reverse protection diode is not necessary even in systems requiring battery backup.
FEATURES
PIN CONFIGURATION (Marking Side)
• Outputs reset signal (active low) when the output voltage drops.
• Power on reset constant can be set by attaching a single capacitor.
• Low minimum voltage difference between input and output
VDIF = 0.5 V TYP. (when IO = 500 mA)
• Low reverse current leakage during back up
IOLK = 10
µ A MAX. (at VIN = 0 V, VO = 5 V, 0°C ≤ TJ ≤ 125°C)
1
1: INPUT
2: RESET
3: GND
4: DELAY CAPACITOR
5: OUTPUT
2 3 45
PC2260V
µ
5-pin plastic V-DIP (V)
ORDERING INFORMATION
Part Number
Package
µ PC2260V
5-pin plastic V-DIP (V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn