전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS2703-1 데이터시트(PDF) 1 Page - California Eastern Labs

부품명 PS2703-1
상세설명  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

PS2703-1 데이터시트(HTML) 1 Page - California Eastern Labs

  PS2703-1 Datasheet HTML 1Page - California Eastern Labs PS2703-1 Datasheet HTML 2Page - California Eastern Labs PS2703-1 Datasheet HTML 3Page - California Eastern Labs PS2703-1 Datasheet HTML 4Page - California Eastern Labs PS2703-1 Datasheet HTML 5Page - California Eastern Labs PS2703-1 Datasheet HTML 6Page - California Eastern Labs PS2703-1 Datasheet HTML 7Page - California Eastern Labs PS2703-1 Datasheet HTML 8Page - California Eastern Labs PS2703-1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PHOTOCOUPLER
PS2703-1
HIGH ISOLATION VOLTAGE
HIGH COLLECTOR TO EMITTER VOLTAGE TYPE
SOP MULTI PHOTOCOUPLER
−NEPOC Series−
DESCRIPTION
The PS2703-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor.
This is mounted in a plastic SOP (Small Outline Package) for high density applications.
This package has shield effect to cut off ambient light.
FEATURES
• High isolation voltage (BV = 3 750 Vr.m.s.)
• High collector to emitter voltage (VCEO = 120 V)
• SOP (Small Outline Package) type
• Each isolated channel per package
• High-speed switching (tr, tf = 10
µs TYP.)
• Taping product number: PS2703-1-F3, F4
• UL approved: File No. E72422 (S)
• VDE0884 approved (Option)
APPLICATIONS
• Hibrid IC
• Telephone/FAX
• FA/OA equipment
• Programmable logic controllers
• Power supply
ORDERING INFORMATION (Solder Contains Lead)
Part Number
Package
Safety Standard Approval
Standard specification products
PS2703-1
4-pin SOP
• UL approved
PS2703-1-V
4-pin SOP
VDE0884 specification products (Option)
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Safety Standard Approval
Standard specification products
PS2703-1-A
4-pin SOP
• UL approved
PS2703-1-V-A
4-pin SOP
VDE0884 specification products (Option)
The mark
shows major revised points.
Document No. PN10242EJ01V0DS (1st edition)
(Previous No. P11308EJ6V0DS00)
Date Published February 2003 CP(K)


유사한 부품 번호 - PS2703-1

제조업체부품명데이터시트상세설명
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1 ETC2-PS2703-1 Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results

유사한 설명 - PS2703-1

제조업체부품명데이터시트상세설명
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2832 NEC-PS2832 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com