전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA8274 데이터시트(PDF) 7 Page - Rohm

부품명 BA8274
상세설명  I2C bus line buffer IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA8274 데이터시트(HTML) 7 Page - Rohm

  BA8274 Datasheet HTML 1Page - Rohm BA8274 Datasheet HTML 2Page - Rohm BA8274 Datasheet HTML 3Page - Rohm BA8274 Datasheet HTML 4Page - Rohm BA8274 Datasheet HTML 5Page - Rohm BA8274 Datasheet HTML 6Page - Rohm BA8274 Datasheet HTML 7Page - Rohm BA8274 Datasheet HTML 8Page - Rohm BA8274 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BA8274 / F
Audio ICs
7/8
Note): R1, R2 and R3 are calculated from the capacitive loading and a 1
µsec time constant on each bus node. For an
addition to an existing system, R2 (the new value for R2) is shown as being calculated from the parallel
combination of R2 and the scaled value of R3; while for a permanent system R2, and scaled values of R1 and
R3 have been used. Note that this example has used scaled resistor values and combined the node and cable
capacitances.
Check for maximum pull-up current:
= 17.6mA < 30mA
(5
−0.4)V
260
Operation notes
1. About operation voltage supply range
Within operation voltage supply range, basic circuit function operation is guaranteed within operation ambient temp.
But please confirm set up of constant and element, voltage set up and temp set up on use.
2. About operation temp range
If it within recommended operation voltage range, circuit function operation is guaranteed within operation temp.
It corralled to conditions of power dissipation to temp.
Please watch out except condition stipulated by electrical characteristics within the range, it cannot guarantee standard
value of electrical characteristics. But it retains original function.
3. SX, SY, I
2C BUS, SDA or SCL
Because the two buffer circuits in the BA8274/F are identical either input pin can be used as the I
2C BUS SDA data
line,
or the SCL clock line.
4. LX, LY, Buffered bus, LDA or LCL
On the buffered low impedance line side, the corresponding output becomes LDA and LCL.
Electrical characteristic curves
0.05
0.1
0.15
0.2
0.3
0.4
0.25
0.35
0
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
S PIN VOLTAGE
VSX, VSY : (V)
Fig.5 S pin voltage-drive current ILX, ILY


유사한 부품 번호 - BA8274

제조업체부품명데이터시트상세설명
logo
Rohm
BA8270F ROHM-BA8270F Datasheet
97Kb / 6P
   Bus interface for car audio
BA8272AFV ROHM-BA8272AFV Datasheet
116Kb / 8P
   BUS Interface for car audio
BA8272F ROHM-BA8272F Datasheet
108Kb / 6P
   Bus interface for car audio
More results

유사한 설명 - BA8274

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N_06 Datasheet
146Kb / 3P
   I2C Bus Control IC
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
   I2C Bus Control IC
logo
Unisonic Technologies
U74LVC1G126 UTC-U74LVC1G126_15 Datasheet
205Kb / 5P
   BUS BUFFER/LINE DRIVER
logo
Panasonic Semiconductor
AN7397K PANASONIC-AN7397K Datasheet
149Kb / 7P
   Spatializer IC for I2C bus
logo
Sanyo Semicon Device
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76832N SANYO-LA76832N Datasheet
385Kb / 39P
   Monolithic Linear IC I2C Bus Control IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com