전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS8856-19PF 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 FS8856-19PF
상세설명  550mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FS8856-19PF 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  FS8856-19PF Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FS8856
550mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
5/13
TD-0405008
Rev. 1.3
http://www.fsc.com.tw
FAX: +886-2-2809-4874
E
Elleeccttrriiccaall C
Ch
haarraacctteerriissttiiccss
(TA=25℃, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.5
6.5
V
VOUT
Output Voltage
VIN=VOUT+0.9V, IOUT=1mA
VOUT-
0.035
VOUT
VOUT+
0.035
V
∆ VOUT
Output Voltage Accuracy
VIN>VOUT+0.9V, VIN≦6.5V
-35
+35
mV
IMAX
Maximum Load Current
550
mA
ILIMIT
Current Limit
0.8
A
ISC
Short-Circuit Current
VOUT=0V, VIN>VOUT+0.9V
350
400
mA
IQ
Ground Pin Current
ILOAD=0mA to 550mA, VIN=VOUT+0.9V
65
90
µA
IOUT=100mA
110
130
mV
IOUT=300mA
350
420
mV
IOUT=500mA
650
800
mV
VDROP
Dropout Voltage
IOUT=550mA
750
900
mV
∆VLINE
Line Regulation
VOUT+0.9V<VIN<6.5V, ILOAD=1mA
0.2
0.3
%/V
∆VLOAD
Load Regulation
IOUT=0mA to 550mA
0.02
0.03
%/mA
PSRR
Ripple Rejection
75
dB
TSD
Thermal Shutdown
Temperature
155
°C
THYS
Thermal Shutdown
Hysteresis
20
°C
SOT-223
155
°C/W
SOT-89
180
°C/W
θJA
Thermal Resistance
TO-92
180
°C/W


유사한 부품 번호 - FS8856-19PF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853-13CA ETC-FS8853-13CA Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CB ETC-FS8853-13CB Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CC ETC-FS8853-13CC Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
More results

유사한 설명 - FS8856-19PF

제조업체부품명데이터시트상세설명
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
   LDO Linear Voltage Regulator
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
FS8854 ETC1-FS8854 Datasheet
597Kb / 13P
   350mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com