전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM29151-12 데이터시트(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

부품명 LM29151-12
상세설명  1.5A Very L.D.O Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTC [HTC Korea TAEJIN Technology Co.]
홈페이지  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151-12 데이터시트(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM29151-12 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM29151-12 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29151-12 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151-12 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151-12 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151-12 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151-12 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/1/2/3
FEATURES
● High Current Capability 1.5A
● Low Dropout Voltage 350mV
● Low Ground Current
● Accurate 1% Cuaranteed Tolerance
● Extremely Fast Transient Response
● Reverse-Battery and "Load Dump" Rotection
● Zero-Current Shutdown Mode(5-Pin Version)
● Error Flag Signals Output out-of-Regulation
(5-Pin Versions)
● Also Characterized For Smaller Loads With Industry
-Leading Performance specifications
● Fixed Voltage and Adjustable Versions
APPLICATIONS
● Battery Powered Equipment
● High-Efficiency " Green" Computer System
● Automotive Electronics
● High-Efficiency Linear Power Supplies
● High-Efficiency Post-Regulator For
Switching Supply
ORDERING INFORMATION
Pinout
LM29150: Three Therminal Devices
LM29151: Five Therminal Fixed Voltage Devices
LM29152: Adjustable with ON/OFF control
LM29153: Adjustable with Flag
* LM29150 - X.X (X.X = Output Voltage = 2.5, 3.3, 5.0, 12V)
* LM29151 - X.X (X.X = Output Voltage = 1.5V, 2.5V, 3.0V, 3.3V, 5.0V, 12V
`
DESCRIPTION
The LM29150 are high current, high accuracy, low-dropout voltage regulators. Using process with a PNP pass
element, these regulators feature 350mV (full load) dropout voltages and very low ground current.
These devices also find applications in lower current, low dropout-critical systems, where their tiny dropout
voltage and graound current values are important attributes.
The LM29150 are fully protected against over current faults, reversed input polarity, reversed lead insertion,
over temperature operation, and positive and negative transient voltage spikes. Five pin fixed voltage versions
feature logic level ON/OFF control and an error flag which signals whenever the output falls out of regulation.
On the LM29150 and LM29152, the ENABLE pin may be tied to Vin if it is not required for ON/OFF control.
The LM29150 are available in 3- and 5- pinTO-220 and surface mount TO-263 packages.
Mar. 2006-Rev06
HTC
LM29150 - X.X
LM29150RS - X.X
LM29152/3
LM29152RS/3RS - X.X
LM29152/3
Device
LM29152R/3R
LM29150R - X.X
LM29151 - X.X
LM29151RS - X.X
LM29151R - X.X
TO-263 5L
Marking
LM29150 - X.X
LM29151 - X.X
TO-252 5L
TO-263 5L
TO-220 5L
Pin 1= Input, 2= Ground, 3= Output
Package
TO-220 3L
TO-252 5L
Pin 1= Flag, 2= Input, 3=Ground, 4=Output, 5= Adjust
Pin 1= Enable, 2= Input, 3=Ground, 4=Output, 5= Adjust
Pin 1= Enable, 2= Input, 3=Ground, 4=Output, 5= Flag
TO-252 3L
TO-263 3L
TO-220 5L
92
TO-220 3/5L
TO-263 3/5L
TO-252 3/5L


유사한 부품 번호 - LM29151-12

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM29151 HTC-LM29151 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151R-1.5 HTC-LM29151R-1.5 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151R-1.5 HTC-LM29151R-1.5 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151R-1.8 HTC-LM29151R-1.8 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151R-1.8 HTC-LM29151R-1.8 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

유사한 설명 - LM29151-12

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com