전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2515DX 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 BU2515DX
상세설명  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2515DX 데이터시트(HTML) 1 Page - NXP Semiconductors

  BU2515DX Datasheet HTML 1Page - NXP Semiconductors BU2515DX Datasheet HTML 2Page - NXP Semiconductors BU2515DX Datasheet HTML 3Page - NXP Semiconductors BU2515DX Datasheet HTML 4Page - NXP Semiconductors BU2515DX Datasheet HTML 5Page - NXP Semiconductors BU2515DX Datasheet HTML 6Page - NXP Semiconductors BU2515DX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2515DX
GENERAL DESCRIPTION
New generation, high-voltage, high-speed switching npn transistor with an integrated damper diode in a full plastic
envelope intended for use in horizontal deflection circuits of pc monitors.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
9
A
I
CM
Collector current peak value
-
20
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
45
W
V
CEsat
Collector-emitter saturation voltage
I
C = 4.5 A; IB = 0.9 A
-
5.0
V
I
Csat
Collector saturation current
f = 56 kHz
4.5
-
A
V
F
Diode forward voltage
I
F = 4.5 A
-
2.2
V
t
f
Fall time
I
Csat = 4.5 A; f = 56 kHz
0.2
0.4
µs
PINNING - SOT399
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
9
A
I
CM
Collector current peak value
-
20
A
I
B
Base current (DC)
-
5
A
I
BM
Base current peak value
-
7.5
A
-I
B(AV)
Reverse base current
average over any 20 ms period
-
125
mA
-I
BM
Reverse base current peak value
1
-6
A
P
tot
Total power dissipation
T
hs
25 ˚C
-
45
W
T
stg
Storage temperature
-55
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-hs
Junction to heatsink
with heatsink compound
-
2.8
K/W
R
th j-a
Junction to ambient
in free air
35
-
K/W
case
12 3
b
c
e
Rbe
1 Turn-off current.
September 1997
1
Rev 1.300


유사한 부품 번호 - BU2515DX

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BU2515DX ISC-BU2515DX Datasheet
104Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU2515DX SAVANTIC-BU2515DX Datasheet
147Kb / 3P
   Silicon NPN Power Transistors
BU2515DX SAVANTIC-BU2515DX Datasheet
149Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - BU2515DX

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com