전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTV212A64U 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 MTV212A64U
상세설명  8051 Embedded Monitor Controller MTP Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MTV212A64U 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  MTV212A64U Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MYSON
TECHNOLOGY
MTV212M64
(Rev. 1.2)
Revision 1.2
- 5 -
2000/07/04
FUNCTIONAL DESCRIPTIONS
1. 8051 CPU Core
MTV212M includes all 8051 functions with the following exceptions:
1.1 PSEN, ALE, RD and WR pins are disabled. The external RAM access is restricted to XFRs within the
MTV212M.
1.2 Port0, port3.3, port3.6 and port3.7 are not general-purpose I/O ports. They are dedicated to monitor
special application.
1.3 INT1 input pin is not provided, it is connected to special interrupt sources.
1.4 Port2 are shared with special function pins.
In addition, there are 2 timers, 5 interrupt sources and serial interface compatible with the standard 8051.
Note: All registers listed in this document reside in external RAM area (XFR). For internal RAM memory map
please refer to 8051 spec.
2. Memory Allocation
2.1 Internal Special Function Registers (SFR)
The SFR is a group of registers that are the same as standard 8051.
2.2 Internal RAM
There are total 256 bytes internal RAM in MTV212M, same as standard 8052.
2.3 External Special Function Registers (XFR)
The XFR is a group of registers allocated in the 8051 external RAM area 00h - 7Fh. Most of the registers are
used for monitor control or PWM DAC. Program can initialize Ri value and use "MOVX" instruction to access
these registers.
2.4 Auxiliary RAM (AUXRAM)
There are total 768 bytes auxiliary RAM allocated in the 8051 external RAM area 80h - FFh. The AUXRAM is
divided into six banks, selected by XBANK register. Program can initialize Ri value and use "MOVX"
instruction to access the AUXRAM.
00h
7Fh
80h
FFh
Internal RAM
Accessible by
indirect
addressing only
(Using
MOV A,@Ri
instruction)
Internal RAM
Accessible by
direct and indirect
addressing
SFR
Accessible by
direct addressing


유사한 부품 번호 - MTV212A64U

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV212A64U ETC1-MTV212A64U Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

유사한 설명 - MTV212A64U

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com