전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

IRF8010PBF 데이터시트(HTML) 3 Page - International Rectifier

부품명 IRF8010PBF
상세내용  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo 

IRF8010PBF 데이터시트(HTML) 3 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 3 / 8 page
background image
IRF8010PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T , Junction Temperature
(
C)
J
°
V
=
I
=
GS
D
10V
80A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
10000
4.0V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
12V
10V
6.0V
5.5V
5.0V
4.5V
BOTTOM
4.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
4.0V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
12V
10V
6.0V
5.5V
5.0V
4.5V
BOTTOM
4.0V
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 50V
20µs PULSE WIDTH


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
IRFZ34VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7210PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLZ4SHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFC240HEXFET Power MOSFET Die in Wafer Form 1 International Rectifier
IRF3704ZCSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB4321PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFP150VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL1004SPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3704ZHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF730ASPBFHEXFET Power MOSFET SMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn