전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC4256C-5F256BI 데이터시트(PDF) 10 Page - Lattice Semiconductor

부품명 LC4256C-5F256BI
상세설명  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-5F256BI 데이터시트(HTML) 10 Page - Lattice Semiconductor

Back Button LC4256C-5F256BI Datasheet HTML 6Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 7Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 8Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 9Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 10Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 11Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 12Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 13Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
10
Table 7. ORP Combinations for I/O Blocks with 16 I/Os
Table 8. ORP Combinations for I/O Blocks with 4 I/Os
Table 9. ORP Combinations for I/O Blocks with 10 I/Os
I/O Cell
Available Macrocells
I/O 0
M0, M1, M2, M3, M4, M5, M6, M7
I/O 1
M1, M2, M3, M4, M5, M6, M7, M8
I/O 2
M2, M3, M4, M5, M6, M7, M8, M9
I/O 3
M3, M4, M5, M6, M7, M8, M9, M10
I/O 4
M4, M5, M6, M7, M8, M9, M10, M11
I/O 5
M5, M6, M7, M8, M9, M10, M11, M12
I/O 6
M6, M7, M8, M9, M10, M11, M12, M13
I/O 7
M7, M8, M9, M10, M11, M12, M13, M14
I/O 8
M8, M9, M10, M11, M12, M13, M14, M15
I/O 9
M9, M10, M11, M12, M13, M14, M15, M0
I/O 10
M10, M11, M12, M13, M14, M15, M0, M1
I/O 11
M11, M12, M13, M14, M15, M0, M1, M2
I/O 12
M12, M13, M14, M15, M0, M1, M2, M3
I/O 13
M13, M14, M15, M0, M1, M2, M3, M4
I/O 14
M14, M15, M0, M1, M2, M3, M4, M5
I/O 15
M15, M0, M1, M2, M3, M4, M5, M6
I/O Cell
Available Macrocells
I/O 0
M0, M1, M2, M3, M4, M5, M6, M7
I/O 1
M4, M5, M6, M7, M8, M9, M10, M11
I/O 2
M8, M9, M10, M11, M12, M13, M14, M15
I/O 3
M12, M13, M14, M15, M0, M1, M2, M3
I/O Cell
Available Macrocells
I/O 0
M0, M1, M2, M3, M4, M5, M6, M7
I/O 1
M2, M3, M4, M5, M6, M7, M8, M9
I/O 2
M4, M5, M6, M7, M8, M9, M10, M11
I/O 3
M6, M7, M8, M9, M10, M11, M12, M13
I/O 4
M8, M9, M10, M11, M12, M13, M14, M15
I/O 5
M10, M11, M12, M13, M14, M15, M0, M1
I/O 6
M12, M13, M14, M15, M0, M1, M2, M3
I/O 7
M14, M15, M0, M1, M2, M3, M4, M5
I/O 8
M2, M3, M4, M5, M6, M7, M8, M9
I/O 9
M10, M11, M12, M13, M14, M15, M0, M1


유사한 부품 번호 - LC4256C-5F256BI

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC4256C-5F256BI1 LATTICE-LC4256C-5F256BI1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

유사한 설명 - LC4256C-5F256BI

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com