전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC896431 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC896431
상세설명  MD Decoder IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC896431 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC896431 Datasheet HTML 1Page - Sanyo Semicon Device LC896431 Datasheet HTML 2Page - Sanyo Semicon Device LC896431 Datasheet HTML 3Page - Sanyo Semicon Device LC896431 Datasheet HTML 4Page - Sanyo Semicon Device LC896431 Datasheet HTML 5Page - Sanyo Semicon Device LC896431 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
No. 6891-5/6
LC896431
Pin No.
Pin Name
I/O
Function
54
MD10
B
DRAM data input/output pin
55
MD9
B
DRAM data input/output pin
56
MD8
B
DRAM data input/output pin
57
SLPWMF
B*
Sled PWM output pin
58
SLPWMR
B*
Sled PWM output pin
59
SLD0
B*
Sled control signal output pin
60
VSS
Ground pin
61
VDD2
Power supply pin
62
SLD1
B
Sled control signal input/output pin
63
VDD
Internal power supply pin
64
SLD2
I
Sled control signal input pin
65
SLD3
I
Sled control signal input pin
66
FOPWMF
B*
Focus PWM output pin
67
FOPWMR
B*
Focus PWM output pin
68
TRPWMF
B*
Tracking PWM output pin
69
TRPWMR
B*
Tracking PWM output pin
70
FG
I
Speed pulse input pin
71
VP
B*
CLV servo lock judgment output pin
72
FOK
B*
Focus OK signal output pin
73
FAST
B*
FAST signal output pin
74
CL
I
CPU interface data transfer clock input pin
75
CE
I
CPU interface chip enable signal input pin
76
DI
I
CPU interface data input pin
77
DO
O
CPU interface data output pin
78
WRQB
O
CPU interface interrupt signal output pin
79
INTB
O
CPU interface interrupt signal output pin
80
FSEQ
B*
Frame synchronization detection signal output pin
81
F16M
B*
16.9344 MHz output pin
82
ENH
B*
De-emphasis specification output pin
83
LRCO
B*
LR clock output pin
84
DDATA
B*
Speech signal data output pin
85
BCO
B*
Bit clock output pin
86
DDOUT (DEFECT)
B*
Digital audio output pin
87
VDD2
Power supply pin
88
XIN
I
16.9344 MHz oscillation input pin
89
XOUT
O
16.9344 MHz oscillation output pin
90
VSS
Ground pin
91
VDD
Internal power supply pin
92
AVSS
1-bit DAC ground pin
93
OUTR
O
1-bit DAC right channel output pin
94
OUTL
O
1-bit DAC left channel output pin
95
AVDD
1-bit DAC power supply pin
96
MCASB
B*
DRAM CAS signal output pin
97
MOEB
B*
DRAM OE signal output pin
98
MAD9
B*
DRAM address output pin
99
MAD8
B*
DRAM address output pin
100
MAD7
B*
DRAM address output pin
101
TEST1
I
Test input pin
102
MAD6
B*
DRAM address output pin
103
MAD5
B*
DRAM address output pin
104
MAD4
B*
DRAM address output pin
105
TEST3
I
Test input pin
106
VSS
Ground pin
107
VDD2
Power supply pin
108
SMON3
B*
Monitor signal output pin
109
SMON2
B*
Monitor signal output pin
Continued from preceding page.
Continued on next page.


유사한 부품 번호 - LC896431

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC89602 SANYO-LC89602 Datasheet
73Kb / 6P
   Audio Decoder LSI for Mini-Disk Playback
LC89610 SANYO-LC89610 Datasheet
151Kb / 7P
   Mini-Disk Decoder LSI
More results

유사한 설명 - LC896431

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AN8771NFH PANASONIC-AN8771NFH Datasheet
147Kb / 11P
   Pre-amplifier IC for MD
AN5637 PANASONIC-AN5637 Datasheet
102Kb / 11P
   SECAM decoder IC
logo
Integrated Circuit Syst...
UDA1380 ICST-UDA1380 Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
logo
Princeton Technology Co...
PT8402B PTC-PT8402B Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
PT8501 PTC-PT8501_10 Datasheet
170Kb / 4P
   Dolby Digital Decoder IC
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
   PLL tone decoder IC
logo
NXP Semiconductors
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
logo
Princeton Technology Co...
PT8406 PTC-PT8406_10 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com