전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC4384C-5F256I 데이터시트(PDF) 1 Page - Lattice Semiconductor

부품명 LC4384C-5F256I
상세설명  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384C-5F256I 데이터시트(HTML) 1 Page - Lattice Semiconductor

  LC4384C-5F256I Datasheet HTML 1Page - Lattice Semiconductor LC4384C-5F256I Datasheet HTML 2Page - Lattice Semiconductor LC4384C-5F256I Datasheet HTML 3Page - Lattice Semiconductor LC4384C-5F256I Datasheet HTML 4Page - Lattice Semiconductor LC4384C-5F256I Datasheet HTML 5Page - Lattice Semiconductor LC4384C-5F256I Datasheet HTML 6Page - Lattice Semiconductor LC4384C-5F256I Datasheet HTML 7Page - Lattice Semiconductor LC4384C-5F256I Datasheet HTML 8Page - Lattice Semiconductor LC4384C-5F256I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
www.latticesemi.com
1
ispm4k_15z
ispMACH 4000V/B/C/Z Family
3.3V/2.5V/1.8V In-System Programmable
SuperFAST High Density PLDs
July 2003
Data Sheet
TM
TM
© 2003 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
NEW!
Industry’s Lo
west
Power CPLDs!
ispMACH 4000
Z
Features
■ High Performance
•fMAX = 400MHz maximum operating frequency
•tPD = 2.5ns propagation delay
• Up to four global clock pins with programmable
clock polarity control
• Up to 80 PTs per output
■ Ease of Design
• Enhanced macrocells with individual clock,
reset, preset and clock enable controls
• Up to four global OE controls
• Individual local OE control per I/O pin
• Excellent First-Time-Fit
TM and refit
•Fast path, SpeedLocking
TM Path, and wide-PT
path
• Wide input gating (36 input logic blocks) for fast
counters, state machines and address decoders
■ Zero Power (ispMACH 4000Z) and Low
Power (ispMACH 4000V/B/C)
•Typical static current 10µA (4032Z)
•Typical static current 1.8mA (4000C)
• 1.8V core low dynamic power
■ Broad Device Offering
• Multiple temperature range support
– Commercial: 0 to 90°C junction (Tj)
– Industrial: -40 to 105°C junction (Tj)
– Automotive: -40 to 130°C junction (Tj)
■ Easy System Integration
• Operation with 3.3V, 2.5V or 1.8V LVCMOS I/O
• Operation with 3.3V (4000V), 2.5V (4000B) or
1.8V (4000C/Z) supplies
• 5V tolerant I/O for LVCMOS 3.3, LVTTL, and PCI
interfaces
• Hot-socketing
• Open-drain capability
• Input pull-up, pull-down or bus-keeper
• Programmable output slew rate
• 3.3V PCI compatible
• IEEE 1149.1 boundary scan testable
• 3.3V/2.5V/1.8V In-System Programmable
(ISP™) using IEEE 1532 compliant interface
• I/O pins with fast setup path
Table 1. ispMACH 4000V/B/C Family Selection Guide
Note: ispMACH 4032Z information is preliminary. ispMACH 4064Z/4128Z information is advance.
ispMACH
4032V/B/C
ispMACH
4064V/B/C
ispMACH
4128V/B/C
ispMACH
4256V/B/C
ispMACH
4384V/B/C
ispMACH
4512V/B/C
Macrocells
32
64
128
256
384
512
User I/O Options
30/32
30/32/64
64/92/96
64/96/128/160
128/192
128/208
tPD (ns)
2.5
2.5
2.7
3.0
3.5
3.5
tS (ns)
1.8
1.8
1.8
2.0
2.0
2.0
tCO (ns)
2.2
2.2
2.7
2.7
2.7
2.7
fMAX (MHz)
400
400
333
322
322
322
Supply Voltages (V)
3.3/2.5/1.8V
3.3/2.5/1.8V
3.3/2.5/1.8V
3.3/2.5/1.8V
3.3/2.5/1.8V
3.3/2.5/1.8V
Pins/Package
44 TQFP
48 TQFP
44 TQFP
48 TQFP
100 TQFP
100 TQFP
128 TQFP
144 TQFP
1
100 TQFP
144 TQFP
1
176 TQFP
256 fpBGA
2
176 TQFP
256 fpBGA
176 TQFP
256 fpBGA
1. 3.3V (4000V) only.
2. 128-I/O and 160-I/O configurations.


유사한 부품 번호 - LC4384C-5F256I

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC4384C-5F256I1 LATTICE-LC4384C-5F256I1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

유사한 설명 - LC4384C-5F256I

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com