전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP105YZCT 데이터시트(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 TMP105YZCT
상세설명  Digital Temperature Sensor with Two-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP105YZCT 데이터시트(HTML) 6 Page - Burr-Brown (TI)

Back Button TMP105YZCT Datasheet HTML 2Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 3Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 4Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 5Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 6Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 7Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 8Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 9Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TMP105
SLLS648B − FEBRUARY 2005 − REVISED JANUARY 2006
www.ti.com
6
TEMPERATURE
(
°C)
DIGITAL OUTPUT
(BINARY)
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
−0.25
1111 1111 1100
FFC
−25
1110 0111 0000
E70
−55
1100 1001 0000
C90
Table 5. Temperature Data Format
The user can obtain 9, 10, 11, or 12 bits of resolution by
addressing the Configuration Register and setting the
resolution bits accordingly. For 9-, 10-, or 11-bit resolution,
the most significant bits in the Temperature Register are
used with the unused LSBs set to zero.
CONFIGURATION REGISTER
The Configuration Register is an 8-bit read/write register
used to store bits that control the operational modes of the
temperature sensor. Read/write operations are performed
MSB first. The format of the Configuration register for the
TMP105 is shown in Table 6, followed by a breakdown of
the register bits. The power-up/reset value of the
Configuration Register is all bits equal to 0.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
OS
R1
R0
F1
F0
POL
TM
SD
Table 6. Configuration Register Format
SHUTDOWN MODE (SD)
The Shutdown Mode of the TMP105 allows the user to
save maximum power by shutting down all device circuitry
other than the serial interface, which reduces current
consumption to typically 1.5
µA. Shutdown Mode is
enabled when the SD bit is 1; the device will shut down
once the current conversion is completed. When SD is
equal to 0, the device will maintain a continuous
conversion state.
THERMOSTAT MODE (TM)
The Thermostat Mode bit of the TMP105 indicates to the
device whether to operate in Comparator Mode (TM = 0)
or Interrupt Mode (TM = 1). For more information on
comparator and interrupt modes, see the High and Low
Limit Registers section.
POLARITY (POL)
The Polarity Bit of the TMP105 allows the user to adjust the
polarity of the ALERT pin output. If POL = 0, the ALERT pin
will be active LOW, as shown in Figure 3. For POL = 1, the
ALERT pin will be active HIGH, and the state of the ALERT
pin is inverted.
Measured
Temperature
T
HIGH
T
LOW
TMP105 ALERT PIN
(Comparator Mode)
POL = 0
TMP105 ALERT PIN
(Interrupt Mode)
POL = 0
TMP105 ALERT PIN
(Comparator Mode)
POL = 1
TMP105 ALERT PIN
(Interrupt Mode)
POL = 1
Read
Read
Time
Read
Figure 3. Output Transfer Function Diagrams
FAULT QUEUE (F1/F0)
A fault condition is defined as when the measured
temperature exceeds the user-defined limits set in the
THIGH and TLOW Registers. Additionally, the number of
fault conditions required to generate an alert may be
programmed using the fault queue. The fault queue is
provided to prevent a false alert as a result of
environmental
noise.
The
fault
queue
requires
consecutive fault measurements in order to trigger the
alert function. Table 7 defines the number of measured
faults that may be programmed to trigger an alert condition
in the device. For THIGH and TLOW register format and byte
order, see the High and Low Limit Registers section.
F1
F0
CONSECUTIVE FAULTS
0
0
1
0
1
2
1
0
4
1
1
6
Table 7. Fault Settings of the TMP105


유사한 부품 번호 - TMP105YZCT

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-12 TRUMPOWER-TMP105-12 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-13 TRUMPOWER-TMP105-13 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-15 TRUMPOWER-TMP105-15 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-18 TRUMPOWER-TMP105-18 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
More results

유사한 설명 - TMP105YZCT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com