전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADA-4743 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard)

부품명 ADA-4743
상세설명  Silicon Bipolar Darlington Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADA-4743 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard)

  ADA-4743 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADA-4743 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADA-4743 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADA-4743 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADA-4743 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADA-4743 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADA-4743 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADA-4743 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADA-4743 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ADA-4743 Typical Performance Curves (at 25
°C, unless specified otherwise)
Product Consistency Distribution Charts at 900 MHz, Id = 60 mA
Notes:
1. Statistics distribution determined from a sample size of 500 parts taken from 3 different wafers.
2. Future wafers allocated to this product may have typical values anywhere between the minimum and maximum specification limits.
GAIN (dB)
15
18
16
15.5
17
16.5
17.5
300
250
200
150
100
50
0
Figure 1. Gain distribution @ 60 mA.
LSL = 15, Nominal = 16.5, USL = 18
Vd (V)
3.3
4.3
3.5
3.7
3.9
4.1
240
200
160
120
80
40
0
Figure 2. Vd distribution @ 60 mA.
LSL = 3.3, Nominal = 3.8, USL = 4.3
FREQUENCY (GHz)
Figure 3. Gain vs. Frequency at Id = 60 mA.
FREQUENCY (GHz)
Figure 4. P1dB vs. Frequency at Id=60 mA.
FREQUENCY (GHz)
Figure 5. OIP3 vs. Frequency at Id=60 mA.
FREQUENCY (GHz)
Figure 6. NF vs. Frequency at Id=60 mA.
Vd (V)
Figure 7. Id vs. Vd and Temperature.
Id (mA)
Figure 8. Gain vs. Id and Temperature at 900 MHz.
06
2
1
3
5
4
20
15
10
5
0
06
2
1
3
5
4
20
15
10
5
0
06
2
1
3
5
4
35
30
25
20
15
10
06
2
1
3
5
4
6
5
4
3
2
05
2
1
3
4
90
80
70
60
50
40
30
20
10
0
-40
°C
25
°C
85
°C
0
100
20
40
80
60
17
16.5
16
15.5
15
14.5
14
-40
°C
25
°C
85
°C


유사한 부품 번호 - ADA-4743

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
More results

유사한 설명 - ADA-4743

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
   PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com