전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCD5704PW 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCD5704PW
상세설명  Rambus TM XDR TM CLOCK GENERATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704PW 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CDCD5704PW Datasheet HTML 7Page - Texas Instruments CDCD5704PW Datasheet HTML 8Page - Texas Instruments CDCD5704PW Datasheet HTML 9Page - Texas Instruments CDCD5704PW Datasheet HTML 10Page - Texas Instruments CDCD5704PW Datasheet HTML 11Page - Texas Instruments CDCD5704PW Datasheet HTML 12Page - Texas Instruments CDCD5704PW Datasheet HTML 13Page - Texas Instruments CDCD5704PW Datasheet HTML 14Page - Texas Instruments CDCD5704PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.ti.com
PHASE NOISE
−160
−150
−140
−130
−120
−110
−100
−90
−80
fOffset − Offset Frequency − Hz
100k
1M
10M
100M
20M
G001
Rambus Spec
667 MHz
Rambus Spec Range:
1 MHz 3 fOffset 3 20 MHz
300 MHz
400 MHz
CDCD5704
SCAS823 – DECEMBER 2006
For the offset frequency range from 1 MHz to 100 MHz, phase noise of the CDCD5704 does not exceed the
single-sideband phase noise (spectral purity) described by the following equation given by Rambus.
L(f) = 10 log [1 + (50
× 106 / f)2.4] – 138 dBc/Hz
Selected numerical values are in given in the following table.
f = offset frequency
1 (L1)
5
10
15
20 (L20)
40
80
100
MHz
L(f) = SSB phase noise
–97
–114
–121
–125
–128
–134
–137
–138
dBc/Hz
Figure 2. Phase Noise Plot
11
Submit Documentation Feedback


유사한 부품 번호 - CDCD5704PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCD5704PW TI-CDCD5704PW Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
CDCD5704PWG4 TI-CDCD5704PWG4 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
CDCD5704PWR TI-CDCD5704PWR Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
CDCD5704PWRG4 TI-CDCD5704PWRG4 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
More results

유사한 설명 - CDCD5704PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
   Rambus XDR Clock Generator
logo
Cypress Semiconductor
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
   Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
CY24272 CYPRESS-CY24272_11 Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
logo
Macronix International
MX8335 MCNIX-MX8335 Datasheet
40Kb / 6P
   RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24206 CYPRESS-CY24206 Datasheet
70Kb / 5P
   MediaClock - TM DTV, STB Clock Generator
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
logo
Samsung semiconductor
K4Y50164UC SAMSUNG-K4Y50164UC Datasheet
3Mb / 76P
   512Mbit XDR TM DRAM(C-die)
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com