전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1072A 데이터시트(PDF) 8 Page - TEMIC Semiconductors

부품명 TDA1072A
상세설명  AM Receiver Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMIC [TEMIC Semiconductors]
홈페이지  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA1072A 데이터시트(HTML) 8 Page - TEMIC Semiconductors

  TDA1072A Datasheet HTML 1Page - TEMIC Semiconductors TDA1072A Datasheet HTML 2Page - TEMIC Semiconductors TDA1072A Datasheet HTML 3Page - TEMIC Semiconductors TDA1072A Datasheet HTML 4Page - TEMIC Semiconductors TDA1072A Datasheet HTML 5Page - TEMIC Semiconductors TDA1072A Datasheet HTML 6Page - TEMIC Semiconductors TDA1072A Datasheet HTML 7Page - TEMIC Semiconductors TDA1072A Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TELEFUNKEN Semiconductors
TDA 1072 A
8
Preliminary Information
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of TEMIC TELEFUNKEN microelectronic GmbH to
1. Meet all present and future national and international statutory requirements and
2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems
with respect to their impact on the health and safety of our employees and the public, as well as their impact on the
environment.
Of particular concern is the control or elimination of releases into the atmosphere of those substances which are known
as ozone depleting substances ( ODSs ).
The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) will soon severely restrict the use of ODSs and forbid
their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these
substances.
TEMIC TELEFUNKEN microelectronic GmbH semiconductor division has been able to use its policy of continuous
improvements to eliminate the use of any ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively
2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection
Agency ( EPA ) in the USA and
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively.
TEMIC can certify that our semiconductors are not manufactured with and do not contain ozone depleting substances.
We reserve the right to make changes to improve technical design without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each customer
application by the customer. Should the buyer use TEMIC products for any unintended or unauthorized application,
the buyer shall indemnify TEMIC against all claims, costs, damages, and expenses, arising out of, directly or
indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use.
TEMIC TELEFUNKEN microelectronic GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 ( 0 ) 7131 67 2831, Fax Number: 49 ( 0 ) 7131 67 2423


유사한 부품 번호 - TDA1072A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1072A PHILIPS-TDA1072A Datasheet
647Kb / 20P
   AM receiver circuit
May 1984
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
More results

유사한 설명 - TDA1072A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
logo
Gunter Seniconductor Gm...
TCA440 GSG-TCA440 Datasheet
162Kb / 12P
   AM - Receiver Circuit
logo
NXP Semiconductors
TDA1072A PHILIPS-TDA1072A Datasheet
647Kb / 20P
   AM receiver circuit
May 1984
TDA1572 PHILIPS-TDA1572 Datasheet
229Kb / 19P
   AM receiver circuit
December 1987
logo
List of Unclassifed Man...
TCA440 ETC-TCA440 Datasheet
73Kb / 11P
   AM - Receiver Circuit
logo
NXP Semiconductors
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
logo
NTE Electronics
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
   Integrated Circuit AM Receiver Subsystem
logo
NXP Semiconductors
TEA5591 PHILIPS-TEA5591 Datasheet
282Kb / 22P
   AM/FM radio receiver circuit
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com