전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79M574-1JC 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 AM79M574-1JC
상세설명  Metering Subscriber Line Interface Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AM79M574-1JC 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AM79M574-1JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Am79M574 Data Sheet
SWITCHING CHARACTERISTICS
SWITCHING WAVEFORMS
Symbol
Parameter
Test Conditions
Temperature
Range
Min
Typ
Max
Unit
Note
tgkde
E1 Low to DET High (E0 = 1)
E1 Low to DET Low (E0 = 1)
Ground-Key Detect state
RL open, RG connected
(See Figure H)
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
1.1
1.6
µs
4
tgkdd
E0 High to DET Low (E1 = 0)
0
°C to +70°C
–40
°C to +85°C
1.1
1.6
tgkd0
E0 Low to DET High (E1 = 0)
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
tshde
E1 High to DET Low (E0 = 1)
E1 High to DET High (E0 = 1)
Switchhook Detect state
RL = 600 Ω, RG open
(See Figure G)
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
–40
°C to +85°C
1.2
1.7
3.8
4.0
tshdd
E0 High to DET Low (E1 = 1)
0
°C to +70°C
–40
°C to +85°C
1.1
1.6
tshd0
E0 Low to DET High (E1 = 1)
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
DET
tgkde
tshde
tgkde
tshde
DET
tshdd
tshd0
tgkd0
tgkdd
E1
E1 to DET
E0 to DET
E0
E1
16857C-003
Note:
All delays measured at 1.4 V level.


유사한 부품 번호 - AM79M574-1JC

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM79M576A AMD-AM79M576A Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
AM79M576A-1 AMD-AM79M576A-1 Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
AM79M576A-1JC AMD-AM79M576A-1JC Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
AM79M576A-2 AMD-AM79M576A-2 Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
AM79M576A-2JC AMD-AM79M576A-2JC Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
More results

유사한 설명 - AM79M574-1JC

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM79M535 AMD-AM79M535 Datasheet
250Kb / 18P
   Metering Subscriber Line Interface Circuit
AM79M576A AMD-AM79M576A Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com