전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLA4529 데이터시트(PDF) 1 Page - Filtran LTD

부품명 TLA4529
상세설명  Audio Line Matching Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FILTRAN [Filtran LTD]
홈페이지  http://www.filtran.com
Logo FILTRAN - Filtran LTD

TLA4529 데이터시트(HTML) 1 Page - Filtran LTD

  TLA4529 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Audio
Line Matching Transformer
TLA4529
TLA4529 is a 1:1 line matching trans-
former with the following features.
BABT certified for reinforced in-
sulation to EN41003 &
EN60950. .
Certificate #: CT/T/0054
Also conforms to U.S. FCC part
68, Canadian CS 03 and Austra-
lian AS3260 regulations.
Epoxy encapsulated.
Applications:
Interfacing equipment to a 600
Ω line,
requiring high insulation voltage be-
tween line and equipment , and
where no DC current handling is re-
quired.
Wind. Res.
(Ohms)
Pri
31.5
31.5
29.2
Sec
31.5
31.5
35.1
Leakage Ind.
(mH)
Pri
< 9
< 9
< 1
Insertion Loss
(dB)
@ 1000 Hz
< 1.0
< 1.0
< 1.0
Frequency Resp.
(KHz)
< 0.5 dB
0.2 - 4
0.2 - 4
0.2 - 100
Longitudinal Bal.
(dB)
200 - 4000 Hz
> 65
> 65
> 65
Return Loss
(dB)
200 - 4000 Hz
> 19
> 19
> 19
@ Zref = Fig.3, Zload = Fig.2
(dB)
200 - 4000 Hz
> 14
> 14
> 14
@ Zref =600
Ω,Zload =600Ω
Cross talk
(dB)
200 - 4000 Hz
> 60
>60
> 90 dB
Dielectric Strength
(Vrms)
4000
4000
4000
C1 (Suggested value)
27 nF
27 nF
C2 (Suggested value)
150 nF
150 nF
TLA4529 & -2
Fig.1: Schematic
for TLA4529 & -2
Filtran Limited
229 Colonnade Road, Nepean, Ontario, K2E 7K3, Canada,
7-12
Tel: (613) 226-1626, Fax: (613) 226-7124
1
Pri
2
4
Sec
3
Fig.2: Test circuit
620
370
310 nF
Fig.3 : Ref. Network (BS6305)
DOT AT
PIN 1
ELECTRICAL
TLA4529
TLA4529-1
TLA4529-2
Fig.4: Schematic for
TLA4529-1
1
Pri 2
3
6
5 Sec
4
C1
C2
Select for
optimum
Return Loss
TLA4529-1
MECHANICAL
0.1
0.6
0.3
0.15
0.3
0.7
0.7
0.5
DIA 0.025
ALL DIMENSIONS
ARE IN INCHES


유사한 부품 번호 - TLA4529

제조업체부품명데이터시트상세설명
logo
Filtran LTD
TLA4032 FILTRAN-TLA4032 Datasheet
24Kb / 1P
   Audio Line Matching Transformer
TLA4215 FILTRAN-TLA4215 Datasheet
42Kb / 1P
   Audio Hybrid Transformer
TLA4891 FILTRAN-TLA4891 Datasheet
44Kb / 1P
   Audio Line Matching Transformer
TLA4891-1 FILTRAN-TLA4891-1 Datasheet
44Kb / 1P
   Audio Line Matching Transformer
TLA4891-2 FILTRAN-TLA4891-2 Datasheet
44Kb / 1P
   Audio Line Matching Transformer
More results

유사한 설명 - TLA4529

제조업체부품명데이터시트상세설명
logo
Filtran LTD
TLA3700 FILTRAN-TLA3700 Datasheet
117Kb / 1P
   Audio Line Matching Transformer
TLA4891 FILTRAN-TLA4891 Datasheet
44Kb / 1P
   Audio Line Matching Transformer
TLA6821 FILTRAN-TLA6821 Datasheet
114Kb / 1P
   Audio Line Matching Transformer
TEA5971 FILTRAN-TEA5971 Datasheet
39Kb / 1P
   Audio Line Matching Transformer
TLA6821-1 FILTRAN-TLA6821-1 Datasheet
114Kb / 1P
   Audio Line Matching Transformer
TPF0712 FILTRAN-TPF0712 Datasheet
32Kb / 1P
   Audio Line Matching Transformer
3853-2 FILTRAN-3853-2 Datasheet
135Kb / 1P
   Audio Line Matching Transformer
3853-X FILTRAN-3853-X Datasheet
140Kb / 1P
   Audio Line Matching Transformer
TEA4989 FILTRAN-TEA4989 Datasheet
52Kb / 1P
   Audio Line Matching Transformer
TLA0814 FILTRAN-TLA0814 Datasheet
27Kb / 1P
   Audio Line Matching Transformer
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com