전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX74063-34 데이터시트(PDF) 7 Page - Skyworks Solutions Inc.

부품명 CX74063-34
상세설명  RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74063-34 데이터시트(HTML) 7 Page - Skyworks Solutions Inc.

Back Button CX74063-34 Datasheet HTML 3Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 4Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 9Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 10Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Data Sheet I CX74063-34/-35/-36
Skyworks Solutions, Inc., Proprietary and Confidential
7
103116C
[781] 376-3000 I FAX [781] 376-3100 I SALES@SKYWORKSINC.COM I WWW.SKYWORKSINC.COM
NOVEMBER 25, 2003
Table 1. CX74063-3x Signal Descriptions (4 of 5)
Pin #
Name
Description
Equivalent Circuit
35
GNDFN
Synthesizer analog ground
36
UHFCPO
Synthesizer charge pump output
37
VCCFN_CP
Synthesizer charge pump supply
VCCFN_CP
38
SXENA
Synthesizer enable input
39
XTALTUNE
Crystal oscillator varactor control
40
DATA
Serial bus data input
41
CLK
Serial bus clock input
42
LE
Serial bus latch enable input
43
VDDBB
Digital CMOS supply
VDDBB
44
UHFBYP
Bypass capacitor for UHF VCO
45
UHFTUNE
UHF VCO control input
46
VCCUHF
UHF VCO supply
VCCUHF
47
VCC3
LO chain supply
VCC3


유사한 부품 번호 - CX74063-34

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
More results

유사한 설명 - CX74063-34

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
CX74063 SKYWORKS-CX74063 Datasheet
118Kb / 2P
   RF Transceiver for Multi-Band GSM/GPRS/EDGE Applications with Integrated Crystal Oscillator and Power Ramping Controller
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
SKY74963 SKYWORKS-SKY74963 Datasheet
64Kb / 2P
   SKY74963: RF Transceiver With Power Ramping Controller and Integrated Crystal Oscillator for Multi-Band GSM, GPRS, and EDGE Applications
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
   Power Management Integrated Circuit for GSM and GPRS Applications
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
   Integrated Analog Device for GSM and GPRS Applications
logo
Silicon Laboratories
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com