전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1461S 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 SL1461S
상세설명  WIDEBAND PLL FM DEMODULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SL1461S 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SL1461S Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 9Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SL1461
6
AFC FACILITY
The SL1461 contains an analog frequency error detect
circuit, which generates DC voltage proportional to the
integral of frequency error. If the incident RF is high then the
AFC voltage increases, if low then the voltage decreases. The
AFC voltage can then be converted by an ADC to be read by
the micro controller for frequency fine tuning; if used in an I2C
system it is recommended the device is used with either the
SP5055 or SP5056 frequency synthesiser which contains an
internal ADC readable via the I2C bus.
The voltage corresponding to frequency alignment is
arbitrary and user defined; if used with the SP5055 it is
suggested the aligned voltage is 0.375 VCC, corresponding to
the centre code of the ADC on port 6.
The AFC detect circuit contains a deadband centred
around the aligned frequency. The deadband can be adjusted
from zero window to approximately 25MHz width assuming an
oscillator dF/dV of 15MHz/V. If the incident RF is within this
window the AFC voltage does not integrate, except by
component leakage.
With reference to Fig.5; in normal operation the
demodulated video is fed to a dual comparator where it is
compared with two reference voltages, corresponding to the
extremes of the deadband, or window. These voltages are
variable and set by the window adjust input.
The
comparators
produce
two
digital
outputs
corresponding to voltages above or below the voltage window,
or frequency above or below deadband. These digital control
signals are used to control a complimentary current source
pump. The current signals are then fed to the input of an
amplifier which is arranged as an integrator, so integrating the
pulses into a DC voltage.
If the frequency is correctly aligned both the current source
and sink are disabled, therefore the DC output voltage
remains constant. There will be a small drift due to component
leakage; the maximum drift can be calculated from;
dV
dt +
I
2500.C where I +
VCC
REXT
, C + CEXT
WINDOW
ADJUST
HI
V
LO
V
VALIGN
FREQ
BASEBAND
VIDEO
VCC
VCC
VEE
CEXT
EXT
R
VAFC
Fig. 5 AFC system block diagram
+
+


유사한 부품 번호 - SL1461S

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
   Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
   Wideband PLL FM Demodulator
More results

유사한 설명 - SL1461S

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
   Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1466 ZARLINK-SL1466 Datasheet
341Kb / 18P
   Wideband PLL FM Demodulator
logo
Unisonic Technologies
L2572 UTC-L2572 Datasheet
250Kb / 14P
   WIDEBAND PLL FM DEMODULATOR
logo
List of Unclassifed Man...
PS20100 ETC2-PS20100 Datasheet
800Kb / 11P
   Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
   Wideband PLL FM Demodulator
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
   Wideband PLL FM Demodulator Preliminary Information
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
   PLL FM Stereo Demodulator
logo
Silan Microelectronics ...
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com