์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

U4062B ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - TEMIC Semiconductors

๋ถ€ํ’ˆ๋ช… U4062B
์ƒ์„ธ๋‚ด์šฉ  HF Front End for Car Radios and HiFi Receivers
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TEMIC [TEMIC Semiconductors]
ํ™ˆํŽ˜์ด์ง€  http://www.temic.de
Logo 

U4062B ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - TEMIC Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
/ 21 page
 5 / 21 page
background image
U4062B
Rev. A1, 07-Dec-98
5 (21)
Electrical Characteristics (continued)
VS = 10 V, fiRF = 50.3 MHz, fOsc
[ 100 MHz, fIF = fOsc โ€“ fiRF [ 49.7 MHz, reference point Pins 4 and 11,
Tamb = 25ยฐC, unless otherwise specified, see test circuit figure 4.
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
AGC circuit (no signal at Pins 5 and 9)
DC voltage
Pin 16
V16
1.0
V
Saturation voltage
Pin 10
V10min
0.08
0.2
V
Input current
V14
x V6
Pin 14
โ€“I14
0.01
0.1
mA
Maximum allowable current
Pin 14
๏ฃดยฑ I14๏ฃดmax
50
mA
Maximum control current for
external PIN-diode
I10 = 0
Idiode
I7
AGC threshold voltages (respecting V10 = 0.25 V)
RF stage output
Pin 7
VRF7
450
mV
Mixer-stage output
V14 = V6
Pin 13
VIF13
300
mV
External AGC voltage
VIF13 = 1 V
Pin 14
V14min
0.9
V
Internal AGC voltage
Pin 16
V16min
1.4
V
Reference voltage source
Output voltage, without load
I6 = 0
Pin 6
V6
1.6
1.7
1.8
V
Temperature dependence of V6 |V6|Tamb = โ€“25 to +85ยฐC
DV6 (T)
20
mV
Internal differential resistance
dV6/dI6 when I6 = 0 mA
rd6
50
W
Ripple rejection
20 log (dVs/dV6)
when I6 = 0 mA
a6
65
dB
Noise voltage /
Hz
when I6 = 0 and
f = 25 Hz
f = 125 Hz
f = 1 kHz
f = 10 kHz
0.6
0.37
0.1
0.1
mV
mV
mV
mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn