전자부품 데이터시트 검색엔진 |
|
BU4523AW 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
BU4523AW 데이터시트(HTML) 2 Page - NXP Semiconductors |
2 / 7 page Philips Semiconductors Product specification Silicon Diffused Power Transistor BU4523AW STATIC CHARACTERISTICS T hs = 25 ˚C unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT I CES Collector cut-off current 2 V BE = 0 V; VCE = VCESMmax - - 1.0 mA I CES V BE = 0 V; VCE = VCESMmax; - - 2.0 mA T j = 125 ˚C I EBO Emitter cut-off current V EB = 6 V; IC = 0 A - - 100 µA BV EBO Emitter-base breakdown voltage I B = 1 mA 7.5 12.5 - V V CEOsust Collector-emitter sustaining voltage I B = 0 A; IC = 100 mA; 800 - - V L = 25 mH V CEsat Collector-emitter saturation voltage I C = 8 A; IB = 2 A - - 3.0 V V BEsat Base-emitter saturation voltage I C = 8 A; IB = 2 A 0.85 0.95 1.1 V h FE DC current gain I C = 1 A; VCE = 5 V - 14 - h FE I C = 8 A; VCE = 5 V 4.2 5.8 7.3 DYNAMIC CHARACTERISTICS T hs = 25 ˚C unless otherwise specified SYMBOL PARAMETER CONDITIONS TYP. MAX. UNIT Switching times (16 kHz line I Csat = 8.0 A;IB1 = 1.6 A deflection circuit) (I B2 = -4.0 A) t s Turn-off storage time 4.5 5.5 µs t f Turn-off fall time 0.30 0.40 µs Switching times (70 kHz line I Csat = 6.5 A;IB1 = 1.3 A deflection circuit) (I B2 = -3.9 A) t s Turn-off storage time 2.3 - µs t f Turn-off fall time 0.14 - µs Fig.1. Test circuit for V CEOsust. Fig.2. Oscilloscope display for V CEOsust. + 50v 100-200R Horizontal Vertical Oscilloscope 1R 6V 30-60 Hz 100R VCE / V min VCEOsust IC / mA 100 200 250 0 2 Measured with half sine-wave voltage (curve tracer). May 1998 2 Rev 1.000 |
유사한 부품 번호 - BU4523AW |
|
유사한 설명 - BU4523AW |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |