전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ612 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 2SJ612
상세설명  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ612 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  2SJ612 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ612 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ612 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ612 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ612
No.7178-3/4
A S O
100ms
DC
operation
1ms
100µ
s
10ms
IDP= --10A
2
3
5
7
2
3
5
7
2
3
5
7
2
--10
--1.0
--0.1
--0.01
23
5
7
2
3
5
7
2
3
--0.1
--1.0
--10
IT04260
<10
µs
Operation in this area
is limited by RDS(on).
ID= --2.5A
3
--0.1
35
7
--1.0
23
5
7
2
3
5
100
7
5
3
2
10
7
5
SW Time -- ID
VDD= --10V
VGS= --4V
td(on)
td(off)
t r
tf
IT02660
IT04258
0
--0.6
--0.4
--0.2
--0.8
--1.0
--1.2
--1.4
--0.01
--10
--1.0
--0.1
7
7
5
5
3
3
2
2
7
5
3
2
IF -- VSD
VGS=0
0
0
--1
--2
--3
--4
3.0
3.5
1.0
2.0
2.5
0.5
1.5
VGS -- Qg
VDS= --10V
ID= --2.5A
IT04259
0
10
--5
100
1000
7
5
3
2
7
5
3
2
--20
--10
--15
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT02661
IT04257
--0.01
0.1
--0.1
23
5
7
--1.0
23
5
7
2
3
10
1.0
7
5
3
2
7
5
3
2
yfs -- ID
VDS= --10V
75°
C
25°
C
Tc=
--25
°C
0
0
20
40
0.2
60
0.4
0.6
80
100
120
0.8
1.0
1.2
140
160
PD -- Ta
IT04261
0
0
20
40
60
80
100
120
3.5
3.0
2.5
2.0
1.5
0.5
1.0
4.0
140
160
PD -- Tc
IT04262
Tc=25
°C
Single pulse
Mounted on a ceramic board(250mm2!0.8mm)
Mounted
on
a
ceramic
board(250mm
2!
0.8mm)
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
Drain-to-Source Voltage, VDS -- V


유사한 부품 번호 - 2SJ612

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610 Datasheet
183Kb / 6P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ610 TOSHIBA-2SJ610 Datasheet
190Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
2SJ610 TOSHIBA-2SJ610 Datasheet
233Kb / 6P
   Switching Regulator
2SJ610 TOSHIBA-2SJ610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ610 TOSHIBA-2SJ610_06 Datasheet
183Kb / 6P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
More results

유사한 설명 - 2SJ612

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com