전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8339 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8339
상세설명  Quad I/Q Demodulator And Phase Shifter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8339 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8339 Datasheet HTML 2Page - Analog Devices AD8339 Datasheet HTML 3Page - Analog Devices AD8339 Datasheet HTML 4Page - Analog Devices AD8339 Datasheet HTML 5Page - Analog Devices AD8339 Datasheet HTML 6Page - Analog Devices AD8339 Datasheet HTML 7Page - Analog Devices AD8339 Datasheet HTML 8Page - Analog Devices AD8339 Datasheet HTML 9Page - Analog Devices AD8339 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD
8339
Preliminary
Technical Data
Rev. PrA | Page 6 of 15
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
30
29
28
27
26
25
24
23
RF2N
RF2P
COMM
COMM
SCLK
CSB
VPOS
VPOS
Q2OP
I2OP
VPOS
VPOS
4LOP
4LON
VNEG
VNEG
Pin 1
Identifier
AD8339
Top View
(not to scale)
9
10
RF3P
RF3N
22
21
I3OP
Q3OP
Figure 2. 40-Lead LFCSP
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 9, 10,
13, 14, 37,
38
RF1P-RF4P
RF1N-RF4N
RF Inputs. No internal bias. The optimum common mode voltage for maximum symmetrical input differential
swing is 2.5 V if
±5 V supplies are used.
3, 4, 15, 36
COMM
Ground
5
SCLK
Serial Interface – Clock
6
CSB
Serial Interface – Chip Select Bar. Active Low.
7, 8, 11,
16, 27, 28,
35
VPOS
Positive Supply. These pins should be decoupled with a ferrite bead in series with the supply, plus a 0.1
μF
and 1 nF capacitor between the VPOS pins and ground. Since the VPOS pins are internally connected, one set
of supply decoupling components on each side of the chip should be sufficient.
12
SDO
Serial Interface – Data Output. Normally connected to SDI of next chip or left open.
17
LODC
Decoupling Pin for LO. A 0.1
μF capacitor should be connected between this pin and ground. Value of cap
does influence chip enable/disable times.
18, 19, 21,
22, 29, 30,
32, 33
I1OP-I4OP,
Q1OP-Q4OP
I/Q Outputs. These outputs provide a bidirectional current that can be converted back to a voltage via a
transimpedance amplifier. Multiple outputs can be summed together through simply connecting them
(Wire-OR). The bias voltage should be set to 0 V or less by the transimpedance amplifier, see Figure 7.
20, 23, 24,
31
VNEG
Negative Supply. These pin should be decoupled with a ferrite bead in series with the supply, plus a 0.1
μF
and 1 nF capacitor between the pin and ground. Since the VNEG pins are internally connected, one set of
supply decoupling components should be sufficient.
25, 26
4LOP, 4LON
LO Inputs. No internal bias; optimally biased by an LVDS driver. For best performance, these inputs should be
driven differentially.
34
RSET
LO Interface - Reset. Logic threshold is at about 1.1 V and therefore can be driven by >1.8 V CMOS logic.
39
SDI
Serial Interface – Data Input. Logic threshold is at about 1.1 V and therefore can be driven by >1.8 V CMOS
logic.
40
RSTS
Reset for SPI Interface. Logic threshold is at about 1.1 V and therefore can be driven by >1.8 V CMOS logic. For
quick testing without the need to program the SPI, the voltage on the RSTS pin should be pulled to -1.4 V;
this enables all four channels in the Phase (I=1,Q=0) state.


유사한 부품 번호 - AD8339

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
   DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
More results

유사한 설명 - AD8339

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
   DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8333 AD-AD8333 Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
   I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
M/A-COM Technology Solu...
MAMO-000900-1291LT MA-COM-MAMO-000900-1291LT Datasheet
193Kb / 7P
   I/Q Modulator/Demodulator
logo
BOWEI Integrated Circui...
IVM4-30 BOWEI-IVM4-30 Datasheet
245Kb / 1P
   IVM4 series I/Q Demodulator
IVM2-30 BOWEI-IVM2-30 Datasheet
270Kb / 1P
   IVM2 series I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com