전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS816218 데이터시트(PDF) 3 Page - GSI Technology

부품명 GS816218
상세설명  1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816218 데이터시트(HTML) 3 Page - GSI Technology

  GS816218 Datasheet HTML 1Page - GSI Technology GS816218 Datasheet HTML 2Page - GSI Technology GS816218 Datasheet HTML 3Page - GSI Technology GS816218 Datasheet HTML 4Page - GSI Technology GS816218 Datasheet HTML 5Page - GSI Technology GS816218 Datasheet HTML 6Page - GSI Technology GS816218 Datasheet HTML 7Page - GSI Technology GS816218 Datasheet HTML 8Page - GSI Technology GS816218 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
GS816218/36BB
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.0 9/2004
3/31
© 2004, GSI Technology
GS816218B Pad Out—119-Bump BGA—Top View (Package B)
BPR1999.05.18
1234567
A
VDDQ
A
A
ADSP
AA
VDDQ
B
NC
A
A
ADSC
AA
NC
C
NC
A
A
VDD
AA
NC
D
DQB
NC
VSS
ZQ
VSS
DQPA
NC
E
NC
DQB
VSS
E1
VSS
NC
DQA
F
VDDQ
NC
VSS
G
VSS
DQA
VDDQ
G
NC
DQB
BB
ADV
NC
NC
DQA
H
DQB
NC
VSS
GW
VSS
DQA
NC
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
NC
DQB
VSS
CK
VSS
NC
DQA
L
DQB
NC
NC
SCD
BA
DQA
NC
M
VDDQ
DQB
VSS
BW
VSS
NC
VDDQ
N
DQB
NC
VSS
A1
VSS
DQA
NC
P
NC
DQPB
VSS
A0
VSS
NC
DQA
R
NC
A
LBO
VDD
FT
ANC
T
NC
A
A
NC
A
A
ZZ
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ


유사한 부품 번호 - GS816218

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS816218B-133 GSI-GS816218B-133 Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS816218B-133I GSI-GS816218B-133I Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS816218B-150 GSI-GS816218B-150 Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS816218B-150I GSI-GS816218B-150I Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
More results

유사한 설명 - GS816218

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161V18CD GSI-GS8161V18CD Datasheet
776Kb / 28P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816018C GSI-GS816018C Datasheet
567Kb / 22P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160V18CT GSI-GS8160V18CT Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816218BB GSI-GS816218BB Datasheet
1Mb / 37P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816218BB-V GSI-GS816218BB-V Datasheet
1Mb / 31P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com