전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LGY870 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 LGY870
부품 상세설명  Vorlaufige Daten / Preliminary Data
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGY870 데이터시트(HTML) 2 Page - OSRAM GmbH

  LGY870 Datasheet HTML 1Page - OSRAM GmbH LGY870 Datasheet HTML 2Page - OSRAM GmbH LGY870 Datasheet HTML 3Page - OSRAM GmbH LGY870 Datasheet HTML 4Page - OSRAM GmbH LGY870 Datasheet HTML 5Page - OSRAM GmbH LGY870 Datasheet HTML 6Page - OSRAM GmbH LGY870 Datasheet HTML 7Page - OSRAM GmbH LGY870 Datasheet HTML 8Page - OSRAM GmbH LGY870 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2001-06-26
2
LG Y870
Anm.: -1 gesamter Farbbereich
Die Standardlieferform von Serientypen beinhaltet eine untere bzw. eine obere Familiengruppe,
die aus nur 3 bzw. 4 Halbgruppen besteht. Einzelne Halbgruppen sind nicht erhältlich.
In einer Verpackungseinheit / Gurt ist immer nur eine Halbgruppe enthalten.
Note: -1 Total color tolerance range
The standard shipping format for serial types includes a lower or upper family group of 3 or 4
individual groups. Individual half groups are not available.
No packing unit / tape ever contains more than one luminous intensity half group.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LG Y870-J2K2-1
LG Y870-K2M1-1
green
colorless clear
5.6 ... 11.2
9.0 ... 22.4
25 (typ.)
45 (typ.)
Q62703-Q6189
Q62703-Q6190


유사한 부품 번호 - LGY870

제조업체부품명데이터시트부품 상세설명
OSRAM GmbH
OSRAM GmbH
LGY870-J2M1-1 OSRAM-LGY870-J2M1-1 Datasheet
498Kb / 20P
   white SMT package, colorless clear resin
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
   Coupling into Light Guides
More results

유사한 설명 - LGY870

제조업체부품명데이터시트부품 상세설명
List of Unclassifed Manufacturers
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
LBW5SG ETC1-LBW5SG Datasheet
200Kb / 14P
   Vorlaufige Daten Preliminary Data
OSRAM GmbH
OSRAM GmbH
LSGF971 OSRAM-LSGF971 Datasheet
63Kb / 7P
   Vorlaufige Daten / Preliminary Data
LWV283 OSRAM-LWV283 Datasheet
521Kb / 15P
   White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
LCWJNSH.PC-BRBT-5H7I-1 OSRAM-LCWJNSH.PC-BRBT-5H7I-1 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
LCW_JNSH.PC-203162 OSRAM-LCW_JNSH.PC-203162 Datasheet
2Mb / 21P
   Vorl채ufige Daten / Preliminary Data
Infineon Technologies AG
Infineon Technologies A...
FF6MR12W2M1B70 INFINEON-FF6MR12W2M1B70 Datasheet
536Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
OSRAM GmbH
OSRAM GmbH
LUWJNSH.EC-BRBT-5C8E-1 OSRAM-LUWJNSH.EC-BRBT-5C8E-1 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
Infineon Technologies AG
Infineon Technologies A...
FF11MR12W1M1B70 INFINEON-FF11MR12W1M1B70 Datasheet
514Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
eupec GmbH
eupec GmbH
BSM35GB120DLC EUPEC-BSM35GB120DLC Datasheet
87Kb / 8P
   vorlafige Daten preliminary data
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz