전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1503PBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF1503PBF
상세설명  AUTOMOTIVE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF1503PBF 데이터시트(HTML) 6 Page - International Rectifier

  IRF1503PBF Datasheet HTML 1Page - International Rectifier IRF1503PBF Datasheet HTML 2Page - International Rectifier IRF1503PBF Datasheet HTML 3Page - International Rectifier IRF1503PBF Datasheet HTML 4Page - International Rectifier IRF1503PBF Datasheet HTML 5Page - International Rectifier IRF1503PBF Datasheet HTML 6Page - International Rectifier IRF1503PBF Datasheet HTML 7Page - International Rectifier IRF1503PBF Datasheet HTML 8Page - International Rectifier IRF1503PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF1503PbF
6
www.irf.com
25
50
75
100
125
150
175
0
200
400
600
800
1000
Starting T , Junction Temperature
( C)
J
°
I D
TOP
BOTTOM
59A
100A
140A
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage Vs. Temperature
RG
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
VGS
-75 -50 -25
0
25
50
75 100 125 150 175 200
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
ID = 250µA


유사한 부품 번호 - IRF1503PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1503PBF IRF-IRF1503PBF Datasheet
273Kb / 9P
   Advanced Process Technology
IRF1503PBF IRF-IRF1503PBF_15 Datasheet
273Kb / 9P
   Advanced Process Technology
More results

유사한 설명 - IRF1503PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com