전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT13004 데이터시트(PDF) 7 Page - Catalyst Semiconductor

부품명 CAT13004
상세설명  Voltage Supervisor with Microwire Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT13004 데이터시트(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT13004 Datasheet HTML 3Page - Catalyst Semiconductor CAT13004 Datasheet HTML 4Page - Catalyst Semiconductor CAT13004 Datasheet HTML 5Page - Catalyst Semiconductor CAT13004 Datasheet HTML 6Page - Catalyst Semiconductor CAT13004 Datasheet HTML 7Page - Catalyst Semiconductor CAT13004 Datasheet HTML 8Page - Catalyst Semiconductor CAT13004 Datasheet HTML 9Page - Catalyst Semiconductor CAT13004 Datasheet HTML 10Page - Catalyst Semiconductor CAT13004 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT130xx
© 2007 Catalyst Semiconductor, Inc.
7
Doc. No. 1121 Rev. A
Characteristics subject to change without notice
Instructions, addresses, and write data are clocked
into the DI pin on the rising edge of the clock (SK).
The DO pin is normally in a high impedance state
except when reading data from the device, or when
checking the ready/busy status during a write
operation. The serial communication protocol follows
the timing shown in Figure 3.
The ready/busy status can be determined after the
start of internal write cycle by selecting the device (CS
high) and polling the DO pin; DO low indicates that the
write operation is not completed, while DO high
indicates that the device is ready for the next
instruction. If necessary, the DO pin may be placed
back into a high impedance state during chip select by
shifting a dummy “1” into the DI pin. The DO pin will
enter the high impedance state on the rising edge of
the clock (SK). Placing the DO pin into the high
impedance state is recommended in applications
where the DI pin and the DO pin are to be tied
together to form a common DI/O pin. The Ready/Busy
flag can be disabled only in Ready state; no change is
allowed in Busy state.
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin of the CAT130xx
will come out of the high impedance state and, after
sending an initial dummy zero bit, will begin shifting
out the data addressed (MSB first). The output data
bits will toggle on the rising edge of the SK clock and
are stable after the specified time delay (tPD0 or tPD1).
The READ instruction timing is illustrated in Figure 4.
For the CAT13004/08/16, after the initial data word
has been shifted out and CS remains asserted with
the SK clock continuing to toggle, the device will auto-
matically increment to the next address and shift out
the next data word in a sequential READ mode. As
long as CS is continuously asserted and SK continues
to toggle, the device will keep incrementing to the next
address automatically until it reaches to the end of the
address space, then loops back to address 0. In the
sequential READ mode, only the initial data word is
preceeded by a dummy zero bit. All subsequent data
words will follow without a dummy zero bit.
Figure 3. Sychronous Data Timing
Figure 4. Read Instruction Timing
SK
DI
CS
DO
tDIS
tPD0,tPD1
tCSMIN
tCSS
tDIS
tDIH
tSKHI
tCSH
VALID
VALID
DATA VALID
tSKLOW
SK
CS
DI
DO
tCSMIN
STANDBY
tHZ
HIGH-Z
HIGH-Z
11
0
AN AN-1
A0
0
DN DN-1
D1
D0
tPD0


유사한 부품 번호 - CAT13004

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT13004 ONSEMI-CAT13004 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT130041JWI-GT3 ONSEMI-CAT130041JWI-GT3 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT130041LWI-GT3 ONSEMI-CAT130041LWI-GT3 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT130041MWI-GT3 ONSEMI-CAT130041MWI-GT3 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT130041RWI-GT3 ONSEMI-CAT130041RWI-GT3 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
More results

유사한 설명 - CAT13004

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com