전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4332PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP4332PBF
상세설명  PDP SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4332PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFP4332PBF Datasheet HTML 1Page - International Rectifier IRFP4332PBF Datasheet HTML 2Page - International Rectifier IRFP4332PBF Datasheet HTML 3Page - International Rectifier IRFP4332PBF Datasheet HTML 4Page - International Rectifier IRFP4332PBF Datasheet HTML 5Page - International Rectifier IRFP4332PBF Datasheet HTML 6Page - International Rectifier IRFP4332PBF Datasheet HTML 7Page - International Rectifier IRFP4332PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP4332PbF
4
www.irf.com
Fig 11. Maximum Drain Current vs. Case Temperature
Fig 8. Typical Source-Drain Diode Forward Voltage
Fig 12. Maximum Safe Operating Area
Fig 7. Typical EPULSE vs.Temperature
Fig 10. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 9. Typical Capacitance vs.Drain-to-Source Voltage
25
50
75
100
125
150
Temperature (°C)
0
200
400
600
800
1000
1200
1400
L = 220nH
C= 0.3µF
C= 0.2µF
C= 0.1µF
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0
2000
4000
6000
8000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
40
80
120
160
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 200V
VDS= 125V
VDS= 50V
ID= 35A
25
50
75
100
125
150
175
TJ, Junction Temperature (°C)
0
10
20
30
40
50
60
0.2
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1µsec
10µsec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec


유사한 부품 번호 - IRFP4332PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4332PBF IRF-IRFP4332PBF Datasheet
303Kb / 9P
   Advanced Process Technology
IRFP4332PBF IRF-IRFP4332PBF_15 Datasheet
303Kb / 9P
   Advanced Process Technology
More results

유사한 설명 - IRFP4332PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS4227PBF IRF-IRFS4227PBF Datasheet
302Kb / 9P
   PDP SWITCH
IRGP4050 IRF-IRGP4050 Datasheet
282Kb / 8P
   PDP Switch
IRFP4229PBF IRF-IRFP4229PBF Datasheet
282Kb / 8P
   PDP SWITCH
IRFB4228PBF IRF-IRFB4228PBF Datasheet
680Kb / 8P
   PDP SWITCH
IRFB4229PBF IRF-IRFB4229PBF Datasheet
229Kb / 8P
   PDP SWITCH
IRFB4227PBF IRF-IRFB4227PBF Datasheet
294Kb / 8P
   PDP SWITCH
IRFI4227PBF IRF-IRFI4227PBF Datasheet
297Kb / 8P
   PDP SWITCH
IRFI4229PBF IRF-IRFI4229PBF Datasheet
685Kb / 8P
   PDP SWITCH
IRFP4227PBF IRF-IRFP4227PBF Datasheet
300Kb / 8P
   PDP SWITCH
IRFB4332PBF IRF-IRFB4332PBF Datasheet
310Kb / 8P
   PDP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com