전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2001D1013TR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 ULN2001D1013TR
상세설명  Seven darlington array
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2001D1013TR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button ULN2001D1013TR Datasheet HTML 2Page - STMicroelectronics ULN2001D1013TR Datasheet HTML 3Page - STMicroelectronics ULN2001D1013TR Datasheet HTML 4Page - STMicroelectronics ULN2001D1013TR Datasheet HTML 5Page - STMicroelectronics ULN2001D1013TR Datasheet HTML 6Page - STMicroelectronics ULN2001D1013TR Datasheet HTML 7Page - STMicroelectronics ULN2001D1013TR Datasheet HTML 8Page - STMicroelectronics ULN2001D1013TR Datasheet HTML 9Page - STMicroelectronics ULN2001D1013TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
ULN200XA/XD1
6/14
4
Electrical characteristics
Table 3.
Electrical characteristics
(TA = 25°C unless otherwise specified).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
ICEX
Output leakage current
VCE = 50V, (Figure 3.)50
µA
TA = 70°C, VCE= 50V (Figure 3.)100
TA = 70°C for ULN2002, VCE= 50V,
VI = 6V (Figure 4.)
500
TA = 70°C for ULN2002, VCE= 50V,
VI = 1V (Figure 4.)
500
VCE(SAT)
Collector-emitter saturation
voltage (
Figure 5.)
IC = 100mA, IB = 250µA
0.9
1.1
V
IC = 200mA, IB= 350µA
1.1
1.3
IC = 350mA, IB= 500µA
1.3
1.6
II(ON)
Input current (
Figure 6.)
for ULN2002, VI = 17V
0.82
1.25
mA
for ULN2003, VI = 3.85V
0.93
1.35
for ULN2004, VI = 5V
0.35
0.5
VI = 12V
1
1.45
II(OFF)
Input current (
Figure 7.)TA = 70°C, IC = 500µA
50
65
µA
VI(ON)
Input voltage (
Figure 8.)
VCE= 2V, for ULN2002
IC = 300mA
for ULN2003
IC = 200mA
IC = 250mA
IC = 300mA
for ULN2004
IC = 125mA
IC = 200mA
IC = 275mA
IC = 350mA
13
2.4
2.7
3
5
6
7
8
V
hFE
DC Forward current gain
(
Figure 5.)
for ULN2001, VCE = 2V,
IC = 350mA
1000
CI
Input capacitance
15
25
pF
tPLH
Turn-on delay time
0.5 VI to 0.5VO
0.25
1
µs
tPHL
Turn-off delay time
0.5 VI to 0.5VO
0.25
1
µs
IR
Clamp diode leakage current
(
Figure 9.)
VR = 50V
50
µA
TA = 70°C, VR = 50V
100
VF
Clamp diode forward voltage
(
Figure 10.)
IF = 350mA
1.7
2
V


유사한 부품 번호 - ULN2001D1013TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ULN2001D1013TR STMICROELECTRONICS-ULN2001D1013TR Datasheet
605Kb / 14P
   Seven darlington array
More results

유사한 설명 - ULN2001D1013TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ULQ2001 STMICROELECTRONICS-ULQ2001_08 Datasheet
604Kb / 14P
   Seven Darlington array
ULQ200XA STMICROELECTRONICS-ULQ200XA Datasheet
210Kb / 13P
   Seven darlington array
ULN200XA STMICROELECTRONICS-ULN200XA_07 Datasheet
605Kb / 14P
   Seven darlington array
ULN2001 STMICROELECTRONICS-ULN2001_12 Datasheet
930Kb / 16P
   Seven Darlington array
ULN2004A STMICROELECTRONICS-ULN2004A Datasheet
930Kb / 16P
   Seven Darlington array
E-ULN2003A STMICROELECTRONICS-E-ULN2003A Datasheet
930Kb / 16P
   Seven Darlington array
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
   SEVEN DARLINGTON ARRAYS
February 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com