전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2954-50-AA3-B 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 LM2954-50-AA3-B
상세설명  300 mA LOW-DROPOUT VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2954-50-AA3-B 데이터시트(HTML) 3 Page - Unisonic Technologies

  LM2954-50-AA3-B Datasheet HTML 1Page - Unisonic Technologies LM2954-50-AA3-B Datasheet HTML 2Page - Unisonic Technologies LM2954-50-AA3-B Datasheet HTML 3Page - Unisonic Technologies LM2954-50-AA3-B Datasheet HTML 4Page - Unisonic Technologies LM2954-50-AA3-B Datasheet HTML 5Page - Unisonic Technologies LM2954-50-AA3-B Datasheet HTML 6Page - Unisonic Technologies LM2954-50-AA3-B Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LM2954
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R102-002.E
PIN CONFIGURATIONS
2
1
3
OUTPUT
GND
INPUT
UTC LM2954
TO-92 Plastic Package Bottom View
1
2
3
4
8
7
6
5
INPUT
FEEDBACK
5V TAP
SHUTDOWN
SENSE
OUTPUT
UTC LM2954
GND
ERROR
SOP-8 or DIP-8 Package
UTC LM2954
INPUT
GND
OUTPUT
SOT-223 Package


유사한 부품 번호 - LM2954-50-AA3-B

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
LM2954-XX-AA3-R UTC-LM2954-XX-AA3-R Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-D08-T UTC-LM2954-XX-D08-T Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-S08-R UTC-LM2954-XX-S08-R Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-S08-T UTC-LM2954-XX-S08-T Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-T92-B UTC-LM2954-XX-T92-B Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
More results

유사한 설명 - LM2954-50-AA3-B

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com