전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SB10150CT 데이터시트(PDF) 3 Page - Won-Top Electronics

부품명 SB10150CT
부품 상세설명  10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB10150CT 데이터시트(HTML) 3 Page - Won-Top Electronics

  SB10150CT Datasheet HTML 1Page - Won-Top Electronics SB10150CT Datasheet HTML 2Page - Won-Top Electronics SB10150CT Datasheet HTML 3Page - Won-Top Electronics SB10150CT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB10150CT
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
Plain Washer
Insulating Bushing
Rectifier
Insulator
Heatsink
Compression Washer
4-40 HEX Nut
Recommended isolated mounting when
screw is at heatsink potential. 4-40
hardware is used.
Screw should not be tightened with any
type of air-forced torque or equipment
that may cause high impact on device
package. The insulating bushing inside
the mounting hole will insure the screw
threads do not contact the metal base.
The interface should apply a layer of
thermal grease or a highly conductive
thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw
WTE
SB10150CT
WTE
= Manufacturer’s Logo
SB10150CT = Device Number
Polarity
= As Marked on Body


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
STPS5H100B HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 1  2  3  4  5  STMicroelectronics
STPS160H100TV HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 1  2  3  4  5  STMicroelectronics
PMEG3002TV 0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package 1  2  3  4  5  More NXP Semiconductors
STPS80H100CY HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 1  2  3  4  STMicroelectronics
PBYR235CT Rectifier diodes Schottky barrier 1  2  3  4  5  NXP Semiconductors
SP25UF High Voltage Rectifier Stacks 1  Voltage Multipliers Inc.
120LQ045 SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 1  2  3  4  International Rectifier
16YQ100C SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 1  2  3  4  International Rectifier
SS10PH9 High Current Density Surface Mount High-Voltage Schottky Rectifier 1  2  3  4  5  Vishay Siliconix
MBR10100C SCHOTTKY BARRIER RECTIFIER 1  2  Unisonic Technologies

링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn