전자부품 데이터시트 검색엔진 |
|
ST173C10CCK1P 데이터시트(PDF) 5 Page - International Rectifier |
|
ST173C10CCK1P 데이터시트(HTML) 5 Page - International Rectifier |
5 / 9 page ST173CPbF Series 5 Bulletin I25233 10/06 www.irf.com Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics 40 50 60 70 80 90 100 110 120 130 0 40 80 120 160 200 240 30° 60° 90° 120° 180° Average On-state Current (A) Conduction Angle ST173C..C Series (Single Side Cooled) R (DC) = 0.17 K/ W thJ-hs 20 30 40 50 60 70 80 90 100 110 120 130 0 50 100 150 200 250 300 350 DC 30° 60° 90° 120° 180° Average On-state Current (A) Conduc tion Period ST173C..C Series (Single Side Cooled) R (DC) = 0.17 K/ W thJ-hs Outline Table Case Style TO-200AB (A-PUK) All dimensions in millimeters (inches) DIA. MAX. 4.75 (0.19) 28 (1.10) 6.5 (0.26) 19 (0.75) 0.3 (0.01) MIN. 0.3 (0.01) MIN. 13.7 / 14.4 (0.54 / 0.57) 25°± 5° GATE TERM. FOR 1.47 (0.06) DIA. PIN RECEPTACLE ANODE TO GATE CREEPAGE DISTANCE: 7.62 (0.30) MIN. STRIKE DISTANCE: 7.12 (0.28) MIN. 19 (0.75) DIA. MAX. 38 (1.50) DIA MAX. 2 HOLES 3.56 (0.14) x 1.83 (0.07) MIN. DEEP 42 (1.65) MAX. Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification) |
유사한 부품 번호 - ST173C10CCK1P |
|
유사한 설명 - ST173C10CCK1P |