전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27W801 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 M27W801
상세설명  8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W801 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button M27W801_06 Datasheet HTML 12Page - STMicroelectronics M27W801_06 Datasheet HTML 13Page - STMicroelectronics M27W801_06 Datasheet HTML 14Page - STMicroelectronics M27W801_06 Datasheet HTML 15Page - STMicroelectronics M27W801_06 Datasheet HTML 16Page - STMicroelectronics M27W801_06 Datasheet HTML 17Page - STMicroelectronics M27W801_06 Datasheet HTML 18Page - STMicroelectronics M27W801_06 Datasheet HTML 19Page - STMicroelectronics M27W801_06 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DC and AC parameters
M27W801
16/24
Figure 9.
Margin mode AC waveforms
1.
A8 High level = 5V; A9 High level = 12V.
Table 10.
Margin mode AC characteristics(1) (2)
1.
TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Alt
Parameter
Test
Condition
Min
Max
Unit
tA9HVPH
tAS9
VA9 High to VPP High
2
µs
tVPHEL
tVPS
VPP High to Chip Enable Low
2
µs
tA10HEH
tAS10 VA10 High to Chip Enable High (Set)
1
µs
tA10LEH
tAS10
VA10 Low to Chip Enable High
(Reset)
1µs
tEXA10X
tAH10
Chip Enable Transition to VA10
Transition
1µs
tEXVPX
tVPH
Chip Enable Transition to VPP
Transition
2µs
tVPXA9X
tAH9
VPP Transition to VA9 Transition
2
µs
AI00736B
tA9HVPH
tVPXA9X
A8
E
GVPP
A10 Set
VCC
tVPHEL
tA10LEH
tEXVPX
tA10HEH
A9
A10 Reset
tEXA10X


유사한 부품 번호 - M27W801_06

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27W801-100B6TR STMICROELECTRONICS-M27W801-100B6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-100F6TR STMICROELECTRONICS-M27W801-100F6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-100K6TR STMICROELECTRONICS-M27W801-100K6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-100N6TR STMICROELECTRONICS-M27W801-100N6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-120B6TR STMICROELECTRONICS-M27W801-120B6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
More results

유사한 설명 - M27W801_06

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com