전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL1431I 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TL1431I
상세설명  Programmable Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431I 데이터시트(HTML) 3 Page - STMicroelectronics

  TL1431I Datasheet HTML 1Page - STMicroelectronics TL1431I Datasheet HTML 2Page - STMicroelectronics TL1431I Datasheet HTML 3Page - STMicroelectronics TL1431I Datasheet HTML 4Page - STMicroelectronics TL1431I Datasheet HTML 5Page - STMicroelectronics TL1431I Datasheet HTML 6Page - STMicroelectronics TL1431I Datasheet HTML 7Page - STMicroelectronics TL1431I Datasheet HTML 8Page - STMicroelectronics TL1431I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL1431
Absolute Maximum Ratings
3/13
2
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VKA
Cathode to Anode Voltage
37
V
Ik
Continuous Cathode Current Range
-100 to +150
mA
Iref
Reference Input Current Range
-0.05 to +10
mA
TJ
Junction temperature
+150
°C
Pd
Power Dissipation (1)
TO92
SO-8 batwing
1.
Calculated with TJ=+150°C and TAMB=+25°C with relative RTHJ-A depending on the package
625
960
mW
Tstg
Storage Temperature Range
-65 to +150
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VKA
Cathode to Anode Voltage
Vref to 36
V
Ik
Cathode Current
1 to 100
mA
Toper
Operating Free-air Temperature Range
TL1431C/AC
TL1431I/AI
-200 to +70
-40 to +105
°C
RTHJ-A
Thermal resistance Junction to Ambient
SO 8 Batwing
TO92
130
200
°C/W


유사한 부품 번호 - TL1431I

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TL1431I STMICROELECTRONICS-TL1431I Datasheet
79Kb / 8P
   PROGRAMMABLE VOLTAGE REFERENCE
TL1431ID STMICROELECTRONICS-TL1431ID Datasheet
79Kb / 8P
   PROGRAMMABLE VOLTAGE REFERENCE
TL1431ID STMICROELECTRONICS-TL1431ID Datasheet
234Kb / 16P
   Programmable voltage reference
TL1431IDT STMICROELECTRONICS-TL1431IDT Datasheet
234Kb / 16P
   Programmable voltage reference
TL1431IYD STMICROELECTRONICS-TL1431IYD Datasheet
234Kb / 16P
   Programmable voltage reference
More results

유사한 설명 - TL1431I

제조업체부품명데이터시트상세설명
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com