전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM741CM 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 LM741CM
상세설명  Single Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM741CM 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  LM741CM Datasheet HTML 1Page - Fairchild Semiconductor LM741CM Datasheet HTML 2Page - Fairchild Semiconductor LM741CM Datasheet HTML 3Page - Fairchild Semiconductor LM741CM Datasheet HTML 4Page - Fairchild Semiconductor LM741CM Datasheet HTML 5Page - Fairchild Semiconductor LM741CM Datasheet HTML 6Page - Fairchild Semiconductor LM741CM Datasheet HTML 7Page - Fairchild Semiconductor LM741CM Datasheet HTML 8Page - Fairchild Semiconductor LM741CM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
LM741 Rev. 2.0.0
Schematic Diagram
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. TA=25°C, unless otherwise specified.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18
V
VI(DIFF)
Differential Input Voltage
30
V
VI
Input Voltage
±15
V
-
Output Short Circuit Duration
Indefinite
-
PD
Power Dissipation
500
mW
TOPR
Operating Temperature Range
0 ~ +70
°C
TSTG
Storage Temperature Range
-65 ~ +150
°C
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
Q18
Q19
Q20
Q21
Q22
Q24
Q23
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
C1
VCC
OUTPUT
VEE
IN (+)
IN (-)
OFFSET
NULL


유사한 부품 번호 - LM741CM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM741CM NSC-LM741CM Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Fairchild Semiconductor
LM741CM FAIRCHILD-LM741CM Datasheet
114Kb / 10P
   Single Operational Amplifier
More results

유사한 설명 - LM741CM

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com