전자부품 데이터시트 검색엔진 |
|
1N6373 데이터시트(PDF) 2 Page - ON Semiconductor |
|
1N6373 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 8 page Uni−Directional TVS IPP IF V I IR IT VRWM VC VBR VF 1N6373 − 1N6381 Series (ICTE−5 − ICTE−36, MPTE−5 − MPTE−45) http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Peak Power Dissipation (Note 1) @ TL ≤ 25°C PPK 1500 W Steady State Power Dissipation @ TL ≤ 75°C, Lead Length = 3/8″ Derated above TL = 75°C PD 5.0 20 W mW/ °C Thermal Resistance, Junction−to−Lead RqJL 20 °C/W Forward Surge Current (Note 2) @ TA = 25°C IFSM 200 A Operating and Storage Temperature Range TJ, Tstg − 65 to +175 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Nonrepetitive current pulse per Figure 5 and derated above TA = 25°C per Figure 2. 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. *Please see 1N6382 – 1N6389 (ICTE−10C − ICTE−36C, MPTE−8C − MPTE−45C) for Bidirectional Devices. ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 3) = 100 A) Symbol Parameter IPP Maximum Reverse Peak Pulse Current VC Clamping Voltage @ IPP VRWM Working Peak Reverse Voltage IR Maximum Reverse Leakage Current @ VRWM VBR Breakdown Voltage @ IT IT Test Current QVBR Maximum Temperature Variation of VBR IF Forward Current VF Forward Voltage @ IF |
유사한 부품 번호 - 1N6373_05 |
|
유사한 설명 - 1N6373_05 |