전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL3842PE4 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TL3842PE4
상세설명  CURRENT-MODE PWM CONTROLLERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL3842PE4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TL3842PE4 Datasheet HTML 5Page - Texas Instruments TL3842PE4 Datasheet HTML 6Page - Texas Instruments TL3842PE4 Datasheet HTML 7Page - Texas Instruments TL3842PE4 Datasheet HTML 8Page - Texas Instruments TL3842PE4 Datasheet HTML 9Page - Texas Instruments TL3842PE4 Datasheet HTML 10Page - Texas Instruments TL3842PE4 Datasheet HTML 11Page - Texas Instruments TL3842PE4 Datasheet HTML 12Page - Texas Instruments TL3842PE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038F – JANUARY 1989 – REVISED FEBRUARY 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
DEAD TIME
vs
TIMING CAPACITANCE
Figure 4
100
40
10
4
0
CT – Timing Capacitance – nF
100
40
10
4
1
0.4
0.1
VCC = 15 V
RT ≥ 5 kΩ
TA = 25°C
TIMING RESISTANCE
vs
FREQUENCY
Figure 5
100
1 k
10 k
100 k
1 M
f – Frequency – Hz
100
40
10
4
1
VCC = 15 V
TA = 25°C
CT = 22 nF
CT = 47 nF
CT = 100 nF
CT = 10 nF
CT = 4.7 nF
CT = 22 nF
CT = 1 nF
open-loop laboratory test fixture
In the open-loop laboratory test fixture (see Figure 6), high peak currents associated with loads necessitate
careful grounding techniques. Timing and bypass capacitors should be connected close to the GND terminal
in a single-point ground. The transistor and 5-k
Ω potentiometer sample the oscillator waveform and apply an
adjustable ramp to the ISENSE terminal.
2N2222
4.7 k
1 k
Error Amplifier
Adjust
4.7 k
5 k
ISENSE
Adjust
RT
100 k
COMP
VFB
ISENSE
RT/CT
REF
OUTPUT
GND
VCC
0.1
µF
0.1
µF
REF
VCC
OUTPUT
GND
1 k
Ω, 1 W
A
CT
TL284x
TL384x
DUT
Figure 6. Open-Loop Laboratory Test Fixture


유사한 부품 번호 - TL3842PE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL3842PE4 TI-TL3842PE4 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3842PE4 TI-TL3842PE4 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
More results

유사한 설명 - TL3842PE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com