전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6030A4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TPA6030A4
상세설명  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6030A4 데이터시트(HTML) 5 Page - Texas Instruments

  TPA6030A4_07 Datasheet HTML 1Page - Texas Instruments TPA6030A4_07 Datasheet HTML 2Page - Texas Instruments TPA6030A4_07 Datasheet HTML 3Page - Texas Instruments TPA6030A4_07 Datasheet HTML 4Page - Texas Instruments TPA6030A4_07 Datasheet HTML 5Page - Texas Instruments TPA6030A4_07 Datasheet HTML 6Page - Texas Instruments TPA6030A4_07 Datasheet HTML 7Page - Texas Instruments TPA6030A4_07 Datasheet HTML 8Page - Texas Instruments TPA6030A4_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPA6030A4
SLOS395B − DECEMBER 2002 − REVISED JANUARY 2005
www.ti.com
5
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ROUT−
PVCC
SEMAX
RIN1−
RIN1+
RIN2−
RIN2+
VCC
LIN1−
LIN1+
LIN2−
LIN2+
NC
LOUT−
GND
ROUT+
SE/BTL
IN2/IN1
SHUTDOWN
VOLUME
SEDIFF
5VREF
CLK
GND
BYPASS
PVCC
LOUT+
GND
PWP PACKAGE
(TOP VIEW)
NC − No internal connection
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
5VREF
21
O
Internal 5-V reference for VOLUME, SEDIFF, and SEMAX pins ONLY
BYPASS
18
I
Connect capacitor to ground for BYPASS midrail voltage supply filtering
CLK
20
I
Connect capacitor to ground to set clock frequency of volume control counter
GND
15, 19, 28
I
Ground
IN2/IN1
25
I
Controls input MUX, high selects IN2 inputs, low selects IN1 inputs
LIN1−
9
I
Left negative differential input, selected when IN2/IN1 is held low
LIN1+
10
I
Left positive differential input, selected when IN2/IN1 is held low
LIN2−
11
I
Left negative differential input, selected when IN2/IN1 is held high
LIN2+
12
I
Left positive differential input, selected when IN2/IN1 is held high
LOUT−
14
O
Left negative output in speaker mode and high impedance in headphone mode
LOUT+
16
I
Left positive output in speaker mode, and positive output in headphone mode
NC
13
No internal connection
PVCC
2,17
I
Power supply for the output stage
RIN1−
4
I
Right negative differential input, selected when IN2/IN1 is held low
RIN1+
5
I
Right positive differential input, selected when IN2/IN1 is held low
RIN2−
6
I
Right negative differential input, selected when IN2/IN1 is held high
RIN2+
7
I
Right positive differential input, selected when IN2/IN1 is held high
ROUT+
27
O
Right positive output in speaker mode, and positive output in headphone mode
ROUT−
1
O
Right negative output in speaker mode (BTL) and high impedance in headphone mode (SE)
SE/BTL
26
I
Determines output mode, high selects headphone mode (SE), low selects speaker mode (BTL)
SEDIFF
22
I
Sets the difference between speaker and headphone volume (from –6 dB down to mute)
SEMAX
3
I
Sets maximum headphone volume. DC range is 0 to 5VREF
SHUTDOWN
24
I
Shutdown terminal (active low, TTL compatible, VCC compliant)
VCC
8
I
Supply voltage terminal
VOLUME
23
I
Master volume control. DC voltage range is 0 to 5VREF
THERMAL PAD
Connect to ground. The thermal pad must be soldered down in all applications to properly secure the
device on the PC board. Properly soldering the thermal pad to the PC board is necessary for achieving
the required heat transfer for device cooling.


유사한 부품 번호 - TPA6030A4_07

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6030A4PWP TI-TPA6030A4PWP Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

유사한 설명 - TPA6030A4_07

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4 Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com