전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6100A2D 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TPA6100A2D
상세설명  50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6100A2D 데이터시트(HTML) 4 Page - Texas Instruments

  TPA6100A2D_06 Datasheet HTML 1Page - Texas Instruments TPA6100A2D_06 Datasheet HTML 2Page - Texas Instruments TPA6100A2D_06 Datasheet HTML 3Page - Texas Instruments TPA6100A2D_06 Datasheet HTML 4Page - Texas Instruments TPA6100A2D_06 Datasheet HTML 5Page - Texas Instruments TPA6100A2D_06 Datasheet HTML 6Page - Texas Instruments TPA6100A2D_06 Datasheet HTML 7Page - Texas Instruments TPA6100A2D_06 Datasheet HTML 8Page - Texas Instruments TPA6100A2D_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.ti.com
DC ELECTRICAL CHARACTERISTICS
AC OPERATING CHARACTERISTICS
AC OPERATING CHARACTERISTICS
TPA6100A2D
SLOS269B – JUNE 2000 – REVISED SEPTEMBER 2004
at T
A = 25°C, VDD = 1.6 V (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage
AV = 2 V/V
5
40
mV
PSRR
Power supply rejection ratio
VDD = 1.5 V to 1.7 V
80
dB
IDD
Supply current
SHUTDOWN = 1.6 V
1.2
1.5
mA
IDD(SD)
Supply current in SHUTDOWN mode
SHUTDOWN = 0 V
50
250
nA
|IIH|
High-level input current (SHUTDOWN)
VDD = 1.6 V, VI= VDD
1
µA
|IIL|
Low-level input current (SHUTDOWN)
VDD = 1.6 V, VI= 0 V
1
µA
ZI
Input impedance (IN1-, IN2-)
> 1
M
V
DD = 1.6 V, TA = 25°C, RL = 16 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%, f = 1 kHz
9.5
mW
THD+N
Total harmonic distortion + noise
PO = 9.5 mW, 20 Hz–20 kHz
0.4%
BOM
Maximum output power BW
G = 0 dB, THD < 0.4%
> 20
kHz
kSVR
Supply ripple rejection
f = 1 kHz
53
dB
SNR
Signal-to-noise ratio
PO = 9.5 mW
86
dB
Vn
Noise output voltage (no noise-weighting filter)
18
µV(rms)
V
DD = 1.6 V, TA = 25°C, RL = 32 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%, f = 1 kHz
7.1
mW
THD+N
Total harmonic distortion + noise
PO = 6.5 mW, 20 Hz–20 kHz
0.3%
BOM
Maximum output power BW
G = 0 dB, THD < 0.3%
> 20
kHz
kSVR
Supply ripple rejection
f = 1 kHz
53
dB
SNR
Signal-to-noise ratio
PO = 7.1 mW
88
dB
Vn
Noise output voltage (no noise-weighting filter)
18
µV(rms)
4


유사한 부품 번호 - TPA6100A2D_06

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6100A2DG4 TI1-TPA6100A2DG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DG4 TI1-TPA6100A2DG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DGK TI-TPA6100A2DGK Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DGK TI1-TPA6100A2DGK Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DGK TI1-TPA6100A2DGK Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA6100A2D_06

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2_07 Datasheet
500Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com